Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4502 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4502 Datasheet HTML 8Page - Semtech Corporation SC4502 Datasheet HTML 9Page - Semtech Corporation SC4502 Datasheet HTML 10Page - Semtech Corporation SC4502 Datasheet HTML 11Page - Semtech Corporation SC4502 Datasheet HTML 12Page - Semtech Corporation SC4502 Datasheet HTML 13Page - Semtech Corporation SC4502 Datasheet HTML 14Page - Semtech Corporation SC4502 Datasheet HTML 15Page - Semtech Corporation SC4502 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
 2005 Semtech Corp.
POWER MANAGEMENT
SC4502/SC4502H
www.semtech.com
with
V
4
.
1
V
L >
.
Example: Increase the turn on voltage of a V
IN = 3.3V boost
converter from 1.4V to 2.75V.
Using V
H = 2.75V and R4 = 100KΩ in (12),
Ω
= 150K
R
3
.
The resulting UVLO hysteresis is:
The turn off voltage is:
Figure 6. Programmable Hysteretic UVLO Circuit
1.4V
2.06V
0.69V
2.75V
V
V
V
HYS
H
L
>
=
−
=
−
=
.
Frequency Compensation
Figure 7 shows the equivalent circuit of a boost converter
using the SC4502/SC4502H. The output filter capacitor
and the load form an output pole at frequency:
2
OUT
2
OUT
OUT
p2
C
R
2
C
V
I
2
⋅
=
⋅
⋅
=
ω
(13)
where C
2 is the output capacitance and
OUT
OUT
OUT
I
V
R
=
is
the equivalent load resistance.
The zero formed by C
2 and its equivalent series resistance
(ESR) is neglected due to low ESR of the ceramic output
capacitor.
There is also a right half plane (RHP) zero with angular
frequency:
()
L
D
1
R
2
OUT
Z2
−
⋅
=
ω
(14)
ω
z2 decreases with increasing duty cycle D and increasing
I
OUT. Using the 5V to 12V boost regulator (1.4MHz) in
Figure 1(a) as an example,
Ω
=
≥
10
0.5A
5V
R
OUT
Figure 7. Simplified Block Diagram of a Boost Converter
POWER
STAGE
REFERENCE
VOLTAGE
1.242V
Gm
-
+
R3
C4
C6
RO
R2
COMP
R1
FB
C5
ESR
C2
ROUT
VOUT
VIN
IOUT
Applications Information
SC4502/SC4502H
R4
R3
SHDN
3
+
-
IN
6/8
1.1V
4.6
µA
I HYS
COMPARATOR
Y
SWITCH CLOSED
WHEN Y = “1”
0.69V
150K
A
4.6
R
I
V
3
HYS
HYS
=
Ω
•
µ
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com