Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4502 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC4502 Datasheet HTML 11Page - Semtech Corporation SC4502 Datasheet HTML 12Page - Semtech Corporation SC4502 Datasheet HTML 13Page - Semtech Corporation SC4502 Datasheet HTML 14Page - Semtech Corporation SC4502 Datasheet HTML 15Page - Semtech Corporation SC4502 Datasheet HTML 16Page - Semtech Corporation SC4502 Datasheet HTML 17Page - Semtech Corporation SC4502 Datasheet HTML 18Page - Semtech Corporation SC4502 Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
 2005 Semtech Corp.
POWER MANAGEMENT
SC4502/SC4502H
www.semtech.com
Typical Application Circuits
C1
2.2
µF
14V
VIN
VOUT
SC4502H
2
3
1
6,7
8
4,5
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
10
9
ON
OFF
C3
SS14
R4
D1
L1
C2
10µF
47nF
R2
649
R1
17.4K
35V
C4
R3
5.11K
1.5nF
Figure 13(a). All Ceramic Capacitor High Voltage Application
f
)
z
H
M
(
R
4 K
(
Ω
Ω
Ω
Ω
Ω)
L
1
0
.
18
.
5
11
0
_
D
B
5
2
5
2
-
P
L
H
I
H
u
0
1
4
.
10
11
0
_
D
B
5
2
5
2
-
P
L
H
I
H
u
8
.
6
Figure 13(b). Efficiency of the All Ceramic Capacitor High
Voltage Application
Efficiency at 14V input
50
55
60
65
70
75
80
85
90
0
0.05
0.1
0.15
0.2
Load (A)
1.0MHz 10
µH
1.4MHz 6.8
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com