Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4502 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC4502 Datasheet HTML 11Page - Semtech Corporation SC4502 Datasheet HTML 12Page - Semtech Corporation SC4502 Datasheet HTML 13Page - Semtech Corporation SC4502 Datasheet HTML 14Page - Semtech Corporation SC4502 Datasheet HTML 15Page - Semtech Corporation SC4502 Datasheet HTML 16Page - Semtech Corporation SC4502 Datasheet HTML 17Page - Semtech Corporation SC4502 Datasheet HTML 18Page - Semtech Corporation SC4502 Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
19
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4502/SC4502H
Land Pattern - MLPD-10, 3 x 3mm
MIN
aaa
bbb
b
e
L
N
D
C
E
A1
A2
A
DIM
MILLIMETERS
NOM
DIMENSIONS
MAX
NOM
INCHES
MIN
MAX
.114
.118
.122
2.90
3.00
3.10
-
-
-
-
(LASER MARK)
INDICATOR
PIN 1
1
N
2
NOTES:
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS TERMINALS.
2.
1.
.003
.007
.042
10
.009
.048
-
.000
.031
(.008)
0.08
0.23
10
.011
.052
0.18
1.06
.039
-
.002
-
0.00
0.80
1.31
0.30
1.21
-
0.05
1.00
(0.20)
.004
0.10
0.50 BSC
.020 BSC
0.30
.012
.020
.016
0.40
0.50
A
aaa C
A2
SEATING
PLANE
A1
A
bxN
bbb
C A B
B
e
C
C
D
LxN
E
E
.074
.079
.083
1.87
2.02
2.12
.087
.055
2.20
1.40
.150
.020
.012
.037
3.80
0.30
0.95
0.50
(.112)
.075
1.90
(2.85)
K
H
X
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
INCHES
DIMENSIONS
G
K
H
X
Y
P
Z
C
DIM
MILLIMETERS
Y
Z
G
(C)
P
Outline Drawing - MLPD-10, 3 x 3mm
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com