Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4502 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4502 Datasheet HTML 1Page - Semtech Corporation SC4502 Datasheet HTML 2Page - Semtech Corporation SC4502 Datasheet HTML 3Page - Semtech Corporation SC4502 Datasheet HTML 4Page - Semtech Corporation SC4502 Datasheet HTML 5Page - Semtech Corporation SC4502 Datasheet HTML 6Page - Semtech Corporation SC4502 Datasheet HTML 7Page - Semtech Corporation SC4502 Datasheet HTML 8Page - Semtech Corporation SC4502 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC4502/SC4502H
1.4Amp, 2MHz Step-Up Switching
Regulator with Soft-Start
Description
Features
Applications
Flat screen LCD bias supplies
TFT bias supplies
XDSL power supplies
Medical equipment
Digital video cameras
Portables devices
White LED power supplies
The SC4502/SC4502H is a high-frequency current-mode
step-up switching regulator with an integrated 1.4A
power transistor. Its high switching frequency (program-
mable up to 2MHz) allows the use of tiny surface-mount
external passive components. Programmable soft-start
eliminates high inrush current during start-up. The inter-
nal switch is rated at 32V (40V for the SC4502H) mak-
ing the converter suitable for high voltage applications
such as Boost, SEPIC and Flyback.
The operating frequency of the SC4502/SC4502H can
be set with an external resistor. The ability to set the
operating frequency gives the SC4502/SC4502H design
flexibilities. A dedicated COMP pin allows optimization of
the loop response. The SC4502/SC4502H is available
in thermally enhanced 10-pin MLPD package.
Typical Application Circuit
Low saturation voltage switch: 210mV
(250mV for the SC4502H)
Constant switching frequency current-mode control
Programmable switching frequency up to 2MHz
Soft-Start function
Input voltage ranges from 1.4V to 16V
Output voltage up to 32V (40V for the SC4502H)
Low shutdown current
Adjustable undervoltage lockout threshold
Small low-profile thermally enhanced lead free
package. This product is fully WEEE and RoHS
compliant.
Revision: July 25, 2005
Figure 1(a). 5V to 12V Boost Converter.
All Capacitors are Ceramic.
C1
2.2
µF
5V
VIN
VOUT
SC4502
2
3
1
6,7
8
4,5
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
10
9
ON
OFF
C3
10BQ015
R4
D1
L1
C2
10
µF
47nF
R2
100K
R1
866K
12V
C4
R3
C6
f
)
z
H
M
(R
3 K
(
)
Ω
R
4 K
(
)
Ω
C
4
)
F
p
(C
6
)
F
p
(L
1 (µ )
H
7
.
02
.
3
37
.
3
20
0
5
1-
)
9
1
0
8
0
D
o
c
l
a
F
(
5
.
0
1
4
.
10
.
9
53
5
.
90
6
5-
)
8
2
D
5
H
R
D
C
a
d
i
m
u
S
(
3
.
5
22
.
3
76
3
.
50
3
32
2)
P
3
1
8
1
O
D
t
f
a
r
c
li
o
C
(
3
.
3
Efficiency
50
55
60
65
70
75
80
85
90
95
0.0
0.1
0.2
0.3
0.4
0.5
Load Current (A)
VOUT = 12V
VIN = 5V
10.5µH, 700KHz
3.3µH, 2MHz
5.3µH, 1.4MHz
Figure 1(b). Efficiencies of 5V to 12V Boost Converters at
700KHz, 1.4MHz and 2MHz.


Similar Part No. - SC4502

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC450 SEMTECH-SC450 Datasheet
89Kb / 1P
Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
SC450 SEMTECH-SC450 Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501EVB SEMTECH-SC4501EVB Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501MLTRT SEMTECH-SC4501MLTRT Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
More results

Similar Description - SC4502

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
STEP-UP SWITCHING REGULATOR
logo
Semtech Corporation
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4521 SEMTECH-SC4521 Datasheet
322Kb / 18P
3A Step-Down Switching Regulator with Programmable Soft Start
logo
Kingbor Technology Co
KB3302 KINGBOR-KB3302 Datasheet
248Kb / 17P
2Amp, 2MHz Step-up Switching regulator with Soft-Start
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com