Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4502 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4502 Datasheet HTML 11Page - Semtech Corporation SC4502 Datasheet HTML 12Page - Semtech Corporation SC4502 Datasheet HTML 13Page - Semtech Corporation SC4502 Datasheet HTML 14Page - Semtech Corporation SC4502 Datasheet HTML 15Page - Semtech Corporation SC4502 Datasheet HTML 16Page - Semtech Corporation SC4502 Datasheet HTML 17Page - Semtech Corporation SC4502 Datasheet HTML 18Page - Semtech Corporation SC4502 Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
 2005 Semtech Corp.
POWER MANAGEMENT
SC4502/SC4502H
www.semtech.com
3.6 - 6V
4-CELL
VOUT
C1
2.2
µF
SC4502
2
3
1
6,7
8
4,5
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
10
9
ON
OFF
R3
R4
10BQ015
D1
C2
10
µF
C3
47nF
R2
20K
35.7K
R1
60.4K
5V, 0.5A
7.68K
C4
1.5nF
L1
3.3
µH
C6
2.2
µF
L2
3.3
µH
C6
22pF
Figure 11(a). 1.5 MHz All Ceramic Capacitor 4-Cell to 5V SEPIC Converter.
L1 and L2: Coiltronics DRQ73-3R3
Figure 11(b). Load Transient Response of the Circuit in Figure
Upper Trace : Output Voltage, AC Coupled, 0.5V/div
40
µs/div
11(a). I
LOAD is switched between 150mA and
450mA at 1A/
µs.
Lower Trace : Input Inductor Current, 0.2A/div
Lower Trace : Input Inductor Current, 0.2A/div
Figure 11(c). Load Transient Response of the Circuit in Figure
Upper Trace : Output Voltage, AC Coupled, 0.5V/div
40
µs/div
11(a). I
LOAD is switched between 250mA and
700mA at 1A/
µs.
V
IN=3.6V
V
IN=6V
Typical Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com