Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4502 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4502 Datasheet HTML 9Page - Semtech Corporation SC4502 Datasheet HTML 10Page - Semtech Corporation SC4502 Datasheet HTML 11Page - Semtech Corporation SC4502 Datasheet HTML 12Page - Semtech Corporation SC4502 Datasheet HTML 13Page - Semtech Corporation SC4502 Datasheet HTML 14Page - Semtech Corporation SC4502 Datasheet HTML 15Page - Semtech Corporation SC4502 Datasheet HTML 16Page - Semtech Corporation SC4502 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4502/SC4502H
0.62
0.5
12
0.3
1
0.5
12
5
1
D
=
+
−
+
−
=
Therefore
() (
)
3.18KHz
20Krads
F
10
10
2
1
p2
⇒
=
µ
⋅
Ω
≤
ω
−
and
()
43.4KHz
Krads
272
H
5.3
0.62
1
10
1
2
z2
⇒
=
µ
−
⋅
Ω
≥
ω
−
The spacing between p
2 and z2 is the closest when the
converter is delivering the maximum output current from
the lowest V
IN.
This represents the worst-case
compensation condition. Ignoring C
5 and C6 for the
moment, C
4 forms a low frequency pole with the
equivalent output resistance R
O of the error amplifier:
Ω
=
Ω
µ
=
=
−
4.7M
60
49dB
R
1
O
ctance
Transcondu
Gain
Loop
Open
Amplifier
60Hz
rads
380
560pF
4.7M
1
C
R
1
1
4
O
p1
⇒
=
•
Ω
=
=
ω
−
C
4 and R3 also forms a zero with angular frequency:
KHz
4.8
Krads
30.3
560pF
59K
1
C
R
1
1
4
3
z1
⇒
=
•
Ω
=
=
ω
−
The poles p
1, p2 and the RHP zero z2 all increase phase
shift in the loop response. For stable operation, the overall
loop gain should cross 0dB with -20dB/decade slope. Due
to the presence of the RHP zero, the crossover frequency
should not be higher than
3
z
2 . Placing z
1 near p2 nulls its
effect and maximizes loop bandwidth. Thus
OUT(MAX)
2
OUT
4
3
I
2
C
V
C
R
⋅
⋅
≈
(15)
R
3 determines the mid-band loop gain of the converter.
Increasing R
3 increases the mid-band gain and the
crossover frequency. However it reduces the phase
margin. The values of R
3 and C4 can be determined
Figure 8. Suggested PCB Layout for the SC4502/SC4502H. Notice that there is no
via directly under the device. All vias are 12mil in diameter.
C3
VOUT
SHDN
R4
R3
C6
R2
VIN
GND
C4
R1
C5
C2
U1
C1
L1
D1
C3
VOUT
SHDN
R4
R3
C6
R2
VIN
GND
C4
R1
C5
C2
U1
C1
L1
D1
C3
VOUT
SHDN
R4
R3
C6
R2
VIN
GND
C4
R1
C5
C2
U1
C1
L1
D1
C3
VOUT
SHDN
R4
R3
C6
R2
VIN
GND
C4
R1
C5
C2
U1
C1
L1
D1
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com