Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4502 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4502 Datasheet HTML 4Page - Semtech Corporation SC4502 Datasheet HTML 5Page - Semtech Corporation SC4502 Datasheet HTML 6Page - Semtech Corporation SC4502 Datasheet HTML 7Page - Semtech Corporation SC4502 Datasheet HTML 8Page - Semtech Corporation SC4502 Datasheet HTML 9Page - Semtech Corporation SC4502 Datasheet HTML 10Page - Semtech Corporation SC4502 Datasheet HTML 11Page - Semtech Corporation SC4502 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
 2005 Semtech Corp.
POWER MANAGEMENT
SC4502/SC4502H
www.semtech.com
D
OUT
CESAT
D
OUT
IN
V
V
V
1
V
V
V
1
D
+
−
+
−
=
(3)
where V
CESAT is the switch saturation voltage and VD is the
voltage drop across the rectifying diode.
Maximum Output Current
In a boost switching regulator the inductor is connected to
the input. The DC inductor current is the input current.
When the power switch is turned on, the inductor current
flows through the switch. When the power switch is off,
the inductor current flows through the rectifying diode to
the output. The maximum output current is the average
diode current. The diode current waveform is trapezoidal
with pulse width (1 – D)T (Figure 4). The output current
available from a boost converter therefore depends on
the converter operating duty cycle. The power switch
current in the SC4502/SC4502H is internally limited to
2A. This is also the maximum inductor or the input current.
By estimating the conduction losses in both the switch
and the rectifying diode, an expression of the maximum
available output current of a boost converter can be
derived as follows:
()
−
−
−
−
=
IN
CESAT
D
D
OUT
IN
LIM
OUTMAX
V
V
V
D
V
45
D
1
V
V
I
I
(4)
where I
LIM is the switch current limit.
It is worth noting that I
OUTMAX is directly proportional to the
ratio of
OUT
IN
V
V
. Equation (4) over-estimates the maximum
output current at high frequencies (>1MHz) since
switching losses are neglected in its derivation.
Nevertheless it is a useful first-order approximation.
Using V
CESAT = 0.3V, VD = 0.5V and ILIM = 1.4A in (3) and
(4), the maximum output currents for three V
IN and VOUT
combinations are shown in Table 1.
V
N
I
)
V
(V
T
U
O
)
V
(
D
I
X
A
M
T
U
O
)
A
(
5
.
22
10
2
8
.
05
2
.
0
3
.
35
3
2
4
.
00
8
.
0
52
15
1
6
.
03
5
.
0
Considerations for High Frequency Operation
The operating duty cycle of a boost converter decreases
as V
IN approaches VOUT. The PWM modulating ramp in a
current-mode switching regulator is the sensed current
signal. This current ramp is absent unless the switch is
turned on. The intersection of this ramp with the output
of the voltage feedback error amplifier determines the
switch pulse width. The propagation delay time required
to immediately turn off the switch after it is turned on is
the minimum switch on time. Regulator closed-loop
measurement shows that the SC4502/SC4502H has a
minimum on time of about 150ns at room temperature.
The power switch in the SC4502/SC4502H is either not
turned on at all or on for at least 150ns. If the required
switch on time is shorter than the minimum on time, the
regulator will either skip cycles or it will start to jitter.
Example: Determine the maximum operating frequency
of a Li-ion cell to 5V converter using the SC4502.
Assuming that V
D=0.5V, VCESAT=0.3V and VIN=2.6V - 4.2V,
the minimum duty ratio can be found using (3).
0.25
0.5
5
0.3
1
0.5
5
4.2
1
D
MIN
=
+
−
+
−
=
Figure 4. Current Waveforms in a Boost Regulator
Inductor Current
Switch Current
Diode Current
ON
ON
OFF
ON
ON
OFF
ON
OFF
IOUT
IIN
(1-D)T
DT
Table 1. Calculated Maximum Output Current [ Equation (4)]
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com