Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1175P Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA1175P
Description  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1175P Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA1175P Datasheet HTML 3Page - STMicroelectronics TDA1175P Datasheet HTML 4Page - STMicroelectronics TDA1175P Datasheet HTML 5Page - STMicroelectronics TDA1175P Datasheet HTML 6Page - STMicroelectronics TDA1175P Datasheet HTML 7Page - STMicroelectronics TDA1175P Datasheet HTML 8Page - STMicroelectronics TDA1175P Datasheet HTML 9Page - STMicroelectronics TDA1175P Datasheet HTML 10Page - STMicroelectronics TDA1175P Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
TDA1175P
Figure 9. Typical Application Circuit for VGA Monitor (RY = 10Ω, LY = 20mH, IY = 0.8APP)
1
2
3
4
5
6
7
10
16
11
12
13
15
9
8
D1
1N4007
C1
0.1
µF
VS
(26V)
R12
C9
C10 560pF
TDA1175P
V.LIN
R8
14
V. SIZE
V.FREQ
Y1
YOKE
C2
1000
µF
35V
C3
100
µF
35V
R1
3.3k
Ω
C4
0.15
µF
P1
100k
Ω
R2
82k
Ω
R5
200k
Ω
P2
220k
Ω
C5
1.8
µF
R3
240k
Ω
3.3nF
220k
Ω
R4
1M
Ω
C6
0.1
µF
C7
0.1
µF
C11
0.1
µF
R13
3.3
Ω
R11
2.7k
Ω
C8
22
µF
35V
P3
50k
Ω
R6
56k
Ω
R10
0.82
Ω
R7
27k
Ω
47k
Ω
C12
470
µF
50V
R14
220
µF
1/2W
R9
5.1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com