Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1175P Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA1175P
Description  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1175P Datasheet(HTML) 1 Page - STMicroelectronics

  TDA1175P Datasheet HTML 1Page - STMicroelectronics TDA1175P Datasheet HTML 2Page - STMicroelectronics TDA1175P Datasheet HTML 3Page - STMicroelectronics TDA1175P Datasheet HTML 4Page - STMicroelectronics TDA1175P Datasheet HTML 5Page - STMicroelectronics TDA1175P Datasheet HTML 6Page - STMicroelectronics TDA1175P Datasheet HTML 7Page - STMicroelectronics TDA1175P Datasheet HTML 8Page - STMicroelectronics TDA1175P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
April 2004
TDA1175P
LOW-NOISE VERTICAL DEFLECTION SYSTEM
REV. 2
FEATURES SUMMARY
■ COMPLETE VERTICAL DEFLECTION
SYSTEM
■ LOW NOISE
■ SUITABLE FOR HIGH DEFINITION
MONITORS
■ ESD PROTECTED
DESCRIPTION
The TDA1175P is a monolithic integrated circuit in
POWERDIP16 plastic package. It is intended for
use in black and white and colour TV receivers.
Low-noise makes this device particularly suitable
for use in monitors.
The functions incorporated are: synchronization
circuit, oscillator and ramp generator, high power
gain amplifier, flyback generator, voltage regula-
tor.
Figure 1. Package
Figure 2. Pin Connections
POWERDIP16
(Plastic Package)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RAMP GENERATOR
COMPENSATION
AMP. INPUT
GROUND
GROUND
OSCILLATOR
SYNC. INPUT
HEIGHT ADJUSTMENT
RAMP OUTPUT
SUPPLY VOLTAGE
FLYBACK
GROUND
GROUND
POWER AMPLIFIER OUTPUT
POWER AMPLIFIER
SUPPLY VOLTAGE
REGULATED VOLTAGE


Similar Part No. - TDA1175P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1175P STMICROELECTRONICS-TDA1175P Datasheet
171Kb / 8P
LOW-NOISE VERTICAL DEFLECTION SYSTEM
Aug-1995
More results

Similar Description - TDA1175P

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1289 NTE-NTE1289 Datasheet
27Kb / 3P
Integrated Circuit TV Vertical Deflection System
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
VERTICAL DEFLECTION BOOSTER
Aug-1998
TDA1170N STMICROELECTRONICS-TDA1170N Datasheet
201Kb / 8P
LOW-NOISE TV VERTICAL DEFLECTION SYSTEM
Dec-1992
TDA1175P STMICROELECTRONICS-TDA1175P Datasheet
171Kb / 8P
LOW-NOISE VERTICAL DEFLECTION SYSTEM
Aug-1995
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
Nov-1992
logo
Samsung semiconductor
KA2133 SAMSUNG-KA2133 Datasheet
95Kb / 3P
1-CHIP DEFLECTION SYSTEM
logo
List of Unclassifed Man...
TDA1170S ETC-TDA1170S Datasheet
674Kb / 12P
TV VERTICAL DEFLECTION SYSTEM
logo
STMicroelectronics
TDA1170D STMICROELECTRONICS-TDA1170D Datasheet
201Kb / 8P
LOW-NOISE TV VERTICAL DEFLECTION SYSTEM
1992-Dec
logo
Unisonic Technologies
AN5151 UTC-AN5151_15 Datasheet
172Kb / 5P
TV VIF & SIF & DEFLECTION SYSTEM
logo
Shanghai awinic technol...
AW9358 AWINIC-AW9358 Datasheet
378Kb / 11P
8 Route Line Low-DetermInatIon Low-DeflectIon Low-DeflectIon Low-DeflectIon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com