Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1175P Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA1175P
Description  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1175P Datasheet(HTML) 2 Page - STMicroelectronics

  TDA1175P Datasheet HTML 1Page - STMicroelectronics TDA1175P Datasheet HTML 2Page - STMicroelectronics TDA1175P Datasheet HTML 3Page - STMicroelectronics TDA1175P Datasheet HTML 4Page - STMicroelectronics TDA1175P Datasheet HTML 5Page - STMicroelectronics TDA1175P Datasheet HTML 6Page - STMicroelectronics TDA1175P Datasheet HTML 7Page - STMicroelectronics TDA1175P Datasheet HTML 8Page - STMicroelectronics TDA1175P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TDA1175P
2/13
Figure 3. Block Diagram
Table 1. Absolute Maximum Ratings
Table 2. Thermal Data
Note: 1. Obtained with tabs soldered to printed circuit with minimized copper area.
Symbol
Parameter
Value
Unit
VS
Supply Voltage at Pin 2
35
V
V6, V7
Flyback Peak Voltage
60
V
V14
Power Amplifier Input Voltage
+ 10
– 0.5
V
IO
Output Peak Current (non repetitive) at t = 2ms
2
A
IO
Output Peak Current at f = 50Hz, t
≤ 10µs2.5
A
IO
Output Peak Current at f = 50Hz, t > 10
µs1.5
A
I3
Pin 3 DC Current at V6 < V2
100
mA
I3
Pin 3 Peak to Peak Flyback Current for f = 50Hz, tfly ≤ 1.5ms
1.8
A
I10
Pin 10 Current
± 20
mA
PTOT
Power Dissipation at at Ttab = 90°C
4.3
W
Power Dissipation at Tamb = 70°C (free air) (1)
1W
TSTG , Tj
Storage and Junction Temperature
– 40 to 150
°C
Symbol
Parameter
Value
Unit
Rth (j-tab)
Thermal Resistance Junction-pin Max.
12
°C/W
Rth (j-amb)
Thermal Resistance Junction-ambient Max.
80
°C/W(1)
OSCILLATOR
VOLTAGE
REGULATOR
BUFFER
STAGE
SYNC
CIRCUIT
RAMP
GENERATOR
FLYBACK
GENERATOR
SYNC
YOKE
LINEARITY
TABS
HEIGHT
FREQ
C1
P3
P2
RA
C2
C3
RB
RC
RD
RE
RF
C6
C7
C5
C8
C9
RG
RH
C4
DA
+VS
8
11
10
2
916
1
14
15
6
37
POWER
AMPLIFIER
PREAMPLIFIER
P1
TDA1175P
12
5
4
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com