Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1175P Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA1175P
Description  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1175P Datasheet(HTML) 4 Page - STMicroelectronics

  TDA1175P Datasheet HTML 1Page - STMicroelectronics TDA1175P Datasheet HTML 2Page - STMicroelectronics TDA1175P Datasheet HTML 3Page - STMicroelectronics TDA1175P Datasheet HTML 4Page - STMicroelectronics TDA1175P Datasheet HTML 5Page - STMicroelectronics TDA1175P Datasheet HTML 6Page - STMicroelectronics TDA1175P Datasheet HTML 7Page - STMicroelectronics TDA1175P Datasheet HTML 8Page - STMicroelectronics TDA1175P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TDA1175P
4/13
Table 4. AC CHARACTERISTICS
(Refer to the AC test circuit, VS = 22V, f = 50Hz)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Fig.
IS
Supply Current
IY = 1APP
140
mA
8
I10
Sync. Input Current (positive or
negative)
0.5
2
mA
8
V6
Flyback Voltage
IY = 1APP
45
V
8
tfly
Flyback Time
IY = 1APP
0.7
ms
8
VON
Peak to Peak Output Noise
Pin 11 Connected to GND
18
30
mVpp
8
fO
Free Running Frequency
(P1 + R1) = 300k
C9 = 0.1
µF
36
43.5
Hz
8
fOPER
Operating Frequency Range
10
120
Hz
8
∆f
Synchronization Range
I10 = 0.5mA, C9 = 0.1µF
(P1+R1) = 300k
14
Hz
8
Frequency Drift with Supply
Voltage
VS = 10 to 35V
0.00
5
Hz/V
8
Frequency Drift with tab
Temperature
Ttab = 40 to 120°C
0.01
Hz/°C
8
f
VS
----------
f
Tab
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com