Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2544 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2544 Datasheet HTML 1Page - Semtech Corporation SC2544 Datasheet HTML 2Page - Semtech Corporation SC2544 Datasheet HTML 3Page - Semtech Corporation SC2544 Datasheet HTML 4Page - Semtech Corporation SC2544 Datasheet HTML 5Page - Semtech Corporation SC2544 Datasheet HTML 6Page - Semtech Corporation SC2544 Datasheet HTML 7Page - Semtech Corporation SC2544 Datasheet HTML 8Page - Semtech Corporation SC2544 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
Pin Configurations
Ordering Information
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
PT
(
e
g
n
a
R
.
p
m
e
T
A)
T
R
T
S
T
4
4
5
2
C
S
)
2
(
,
)
1
(
4
2
-
P
O
S
S
T0
4
- o
5
8
+
o
t
C
o
C
T
R
T
L
M
4
4
5
2
C
S
)
2
(
,
)
1
(
4
2
-
Q
P
L
M0
4
- o
5
8
+
o
t
C
o
C
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free package. Device is fully WEEE and RoHS compiant.
Top View
Electrical Characteristics
(Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
r
e
v
i
r
D
t
n
e
r
r
u
C
e
v
ir
D
2
H
V
R
D
,
1
H
V
R
Dk
n
i
S
/
e
c
r
u
o
S5
.
0A
t
n
e
r
r
u
C
e
v
ir
D
2
L
V
R
D
,
1
L
V
R
Dk
n
i
S
/
e
c
r
u
o
S5
.
0A
)
%
0
9
o
t
%
0
1
(
e
m
i
T
e
s
i
R
e
v
ir
D
e
t
a
GC
,
V
0
1
=
c
c
V
T
U
O
F
p
0
0
0
1
=0
3S
n
)
%
0
1
o
t
%
0
9
(
e
m
i
T
ll
a
F
e
v
ir
D
e
t
a
GC
,
V
0
1
=
c
c
V
T
U
O
F
p
0
0
0
1
=0
3S
n
e
m
i
T
d
a
e
D
0
8S
n
P
V
O
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
P
V
Oe
g
a
tl
o
v
k
c
a
b
d
e
e
F9
8
.
0V
d
o
o
g
r
e
w
o
P
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
Tg
n
i
s
ir
2
B
F
&
1
B
F5
7
6
.
0V
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
Tg
n
il
l
a
f
2
B
F
&
1
B
F7
5
.
0V
n
w
o
D
ll
u
P
d
o
o
G
r
e
w
o
PA
m
1
k
n
i
S4
.
0V
Unless specified: T
A = 25
oC, V
IN=16V, Fs=200KHz
24 PIN TSSOP
MLPQ-24
Top View
Note:
(1) Guaranteed by design.
15
13
BS T 1
7
EN
SS 2
ILIM1
E RRO UT 2
6
16
4
PV C C
FB 2
VIN
18
VC C
21
PW R G D
P H ASE 1
5
12
17
RO S C
DRV L 1
FB 1
11
1
3
10
22
AG N D
2
DRV L 2
9
14
20
19
DRV H 2
DRV H 1
24
PG N D
8
E RRO UT 1
P H ASE 2
23
SS 1
BS T 2
ILIM2
15
13
BS T 1
7
EN
SS 2
ILIM1
E RRO UT 2
6
16
4
PV C C
FB 2
VIN
18
VC C
21
PW R G D
P H ASE 1
5
12
17
RO S C
DRV L 1
FB 1
11
1
3
10
22
AG N D
2
DRV L 2
9
14
20
19
DRV H 2
DRV H 1
24
PG N D
8
E RRO UT 1
P H ASE 2
23
SS 1
BS T 2
ILIM2
SS 1
1
7
13
19
24
FB 1
E R RO UT 1
IL IM 1
BS T 1
DR V H 1
FB 2
E R RO UT 2
SS2
IL IM 2
BS T 2
DR V H 2
SS 1
1
7
13
19
24
FB 1
E R RO UT 1
IL IM 1
BS T 1
DR V H 1
FB 2
E R RO UT 2
SS2
IL IM 2
BS T 2
DR V H 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com