Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2544 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2544 Datasheet HTML 1Page - Semtech Corporation SC2544 Datasheet HTML 2Page - Semtech Corporation SC2544 Datasheet HTML 3Page - Semtech Corporation SC2544 Datasheet HTML 4Page - Semtech Corporation SC2544 Datasheet HTML 5Page - Semtech Corporation SC2544 Datasheet HTML 6Page - Semtech Corporation SC2544 Datasheet HTML 7Page - Semtech Corporation SC2544 Datasheet HTML 8Page - Semtech Corporation SC2544 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
Electrical Characteristics
(Cont.)
Unless specified: T
A = 25
oC, V
IIN=16V, Fs=200KHz
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
E
L
B
A
N
E
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
p
U
p
m
a
R
N
E
2V
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
n
w
o
D
p
m
a
R
N
E
6
.
0V
t
r
a
t
S
t
f
o
S
t
n
e
r
r
u
C
e
g
r
a
h
C
t
r
a
t
S
tf
o
S
4
8A
u
t
n
e
r
r
u
C
e
g
r
a
h
c
s
i
D
t
r
a
t
S
tf
o
S
5
1A
u
L
V
R
D
r
o
f
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
e
t
a
t
S
-
ir
T
f
o
t
u
O
L
V
R
D
n
o
g
n
i
n
r
u
t
,l
e
v
e
l
s
i
h
t
w
o
l
e
b
ll
u
P
)
T
E
F
S
O
M
e
d
i
s
w
o
l
n
o
n
r
u
T
(
5
6
.
0V
r
e
i
f
il
p
m
A
r
o
r
r
E
e
c
n
e
r
e
f
e
R
k
c
a
b
d
e
e
F
e
g
a
tl
o
VT
A
0
4
-
=
o
5
8
+
o
t
C
o
C5
3
7
.
00
5
7
.
05
6
7
.
0V
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
2A
u
n
i
a
G
p
o
o
L
n
e
p
O
)
1
(
0
7B
d
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
)
1
(
3z
H
M
t
n
e
r
r
u
C
k
n
i
S
/
e
c
r
u
o
S
t
u
p
t
u
O
1A
m
e
t
a
R
w
e
l
S
)
1
(
g
n
i
d
a
o
l
e
v
it
i
c
a
p
a
c
F
p
0
0
10
1S
u
/
V
y
a
l
e
D
t
u
p
t
u
O
o
t
r
o
t
a
r
a
p
m
o
C
M
W
P
)
1
(
5
7S
n
r
o
t
a
ll
i
c
s
O
e
s
a
h
p
r
e
p
e
g
n
a
R
y
c
n
e
u
q
e
r
F
0
0
10
0
3z
H
k
e
s
a
h
p
r
e
p
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
OM
H
O
K
3
7
=
c
s
o
R5
7
10
1
25
4
2z
H
k
e
g
a
tl
o
V
k
a
e
P
p
m
a
R
r
o
t
a
ll
i
c
s
O
3
.
2V
e
g
a
tl
o
V
y
e
ll
a
V
p
m
a
R
r
o
t
a
ll
i
c
s
O
1V
t
i
m
i
L
t
n
e
r
r
u
C
t
n
e
r
r
u
C
e
c
r
u
o
S
M
I
L
I
90
11
1A
u
e
g
a
tl
o
V
t
e
s
ff
O
M
I
L
I
2V
m
e
l
c
y
C
y
t
u
D
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
2
&
1
M
W
PM
H
O
K
3
7
=
c
s
o
R0
9%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
M
2
&
1
M
W
PM
H
O
K
3
7
=
c
s
o
R0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com