Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2544 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2544 Datasheet HTML 1Page - Semtech Corporation SC2544 Datasheet HTML 2Page - Semtech Corporation SC2544 Datasheet HTML 3Page - Semtech Corporation SC2544 Datasheet HTML 4Page - Semtech Corporation SC2544 Datasheet HTML 5Page - Semtech Corporation SC2544 Datasheet HTML 6Page - Semtech Corporation SC2544 Datasheet HTML 7Page - Semtech Corporation SC2544 Datasheet HTML 8Page - Semtech Corporation SC2544 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
www.semtech.com
SC2544
High Performance Wide Input Range
Dual Synchronous Buck Controller
POWER MANAGEMENT
Revision: August 10, 2005
Description
Features
Typical Application Circuit
Independent dual-outputs
Wide input voltage range: 4.5V~28V
Adjustable output voltage down to 0.75V
Flexible power sequencing with enable and
power good output
Synchronous Buck topology with voltage mode
control
Out of phase operation to reduce cost of input
capacitor
10V internal regulator for gate driver to deliver
high efficiency
Programmable switching
frequency:100kHz~300kHz
Full protection: UVLO, OVP and programmable
OCP
No need for current sense resistor
Low shutdown current (100nA typical)
24 lead TSSOP and MLPQ packages
Fully WEEE and RoHS Compliant
Applications
Systems with 4.5V~28V input
LCDTV and PDPTV
Network and telecom systems
Portable devices
Pinout shown as TSSOP-24.
VIN+
VO2
FB2
VCC
VIN+
VO1
FB1
VCC
ENABLE
VIN+
SC2544
1
2
3
4
5
6
7
8
9
10
11
24
23
22
21
20
19
18
16
14
13
12
15
17
VIN
VCC
EN
FB1
ERROUT1
SS1
ILIM1
BST1
DRVH1
PHASE1
DRVL1
AGND
ROSC
PWRGD
FB2
ERROUT2
SS2
ILIM2
DRVH2
DRVL2
PVCC
PGND
PHASE2
BST2
PWGRD
FB1
VO1
FB2
The SC2544 is a high performance dual PWM controller.
It is designed to convert a wide ranged input voltage down
to two independent output rails. The PWM operations of
the two channels are 180 degree out of phase which
can greatly reduce the size and the cost of the input
capacitors. Synchronous Buck PWM topology and volt-
age mode control allow high efficiency operation, fast
transient responses, and flexible component selection
for easy designs. A 10V internal linear regulator pro-
vides the bias for the controller, and this voltage is opti-
mized for gate drivers to deliver high efficiency. The power
sequencing is fully supported including independent start
up, and power good output. In the shut down mode the
controller only draws 100nA from the supply. The con-
troller also offers full protection features for the condi-
tions of under voltage, over voltage, and the over cur-
rent. There is no need for a current sensing resistor
because the MOSFET on resistance is used for the sens-
ing element. The switching frequency is adjustable from
100 kHz to 300 kHz. Two packages TSSOP-24 and MLPQ-
24 are offered.


Similar Part No. - SC2544

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SC2540 SHUNYE-SC2540 Datasheet
260Kb / 2P
25 AMP SOZA CELL
logo
Semtech Corporation
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542EVB SEMTECH-SC2542EVB Datasheet
1Mb / 27P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542TETRT SEMTECH-SC2542TETRT Datasheet
1Mb / 27P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
More results

Similar Description - SC2544

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
High Performance Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
Wide Input Range Dual Synchronous Buck Controller
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
Wide Input Range, Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
Wide Input Range Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com