Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2544 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2544 Datasheet HTML 3Page - Semtech Corporation SC2544 Datasheet HTML 4Page - Semtech Corporation SC2544 Datasheet HTML 5Page - Semtech Corporation SC2544 Datasheet HTML 6Page - Semtech Corporation SC2544 Datasheet HTML 7Page - Semtech Corporation SC2544 Datasheet HTML 8Page - Semtech Corporation SC2544 Datasheet HTML 9Page - Semtech Corporation SC2544 Datasheet HTML 10Page - Semtech Corporation SC2544 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
Block Diagram (One PWM channel shown)
AGND
0.675V
3R
Protect 1
+
-
OUT
VCC
+
-
OUT
S
R
Q
FB1
DRVL1
Band
FB2
ILIM1
Gap 1
Oscillator
Ramp
generator
VCC
E/A
Band
PVCC
0.75V
0.89V
Gap 2
ENABLE
SS1
OCP
PVCC
10V
FB1
+
-
PWM
BST1
PHASE1
LDO
Ramp1
+
-
OUT
VIN
+
-
OUT
-
FB1
OCP
R
S/Q
+
-
OUT
FB1
DRVH1
OVP
0.75V
0.75V
VCC
ERROUT1
R
CLK1
OVP
EN
Protect 1
10u A
ON/OFF
+
-
OUT
UVLO
ROSC
UVLO
0.75V
PWRGD
PHASE1
VCC
Protect 1
PVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com