Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2434SWTR Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2434SWTR
Description  TriPhase Current Mode Controller with Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2434SWTR Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2434SWTR Datasheet HTML 8Page - Semtech Corporation SC2434SWTR Datasheet HTML 9Page - Semtech Corporation SC2434SWTR Datasheet HTML 10Page - Semtech Corporation SC2434SWTR Datasheet HTML 11Page - Semtech Corporation SC2434SWTR Datasheet HTML 12Page - Semtech Corporation SC2434SWTR Datasheet HTML 13Page - Semtech Corporation SC2434SWTR Datasheet HTML 14Page - Semtech Corporation SC2434SWTR Datasheet HTML 15Page - Semtech Corporation SC2434SWTR Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
 2005 Semtech Corp.
www.semtech.com
PRELIMINARY
POWER MANAGEMENT
SC2434
Fig. 8 - Layout concept for input current sensing: (a) use MLC input capacitors; (b) minimize inductance; (c)
keep electrical symmetry; and (d) use differential sensing traces.
A Reference Design Example For Intel Pentium IV
Processor
Brief specifications of this design are listed below:
•
V
in=12V
•
V
out=1.725V +/- 25mV at 0A load
•
V
out droop slope is 1.5 mOhm
•
V
out tolerance is +/-25mV for all load conditions
•
I
out = 60A max
•
VID [4:0] = 00100
The schematic is shown on the cover page of this data
sheet.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com