Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2434SWTR Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2434SWTR
Description  TriPhase Current Mode Controller with Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2434SWTR Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2434SWTR Datasheet HTML 11Page - Semtech Corporation SC2434SWTR Datasheet HTML 12Page - Semtech Corporation SC2434SWTR Datasheet HTML 13Page - Semtech Corporation SC2434SWTR Datasheet HTML 14Page - Semtech Corporation SC2434SWTR Datasheet HTML 15Page - Semtech Corporation SC2434SWTR Datasheet HTML 16Page - Semtech Corporation SC2434SWTR Datasheet HTML 17Page - Semtech Corporation SC2434SWTR Datasheet HTML 18Page - Semtech Corporation SC2434SWTR Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
 2005 Semtech Corp.
www.semtech.com
PRELIMINARY
POWER MANAGEMENT
SC2434
Applications Information (Cont.)
The typical phase node voltage and the output voltage ripple waveform is shown in Fig. 11 under 60A full load
operation, where one can see the output ripple is very small and even with a frequency three times of the switching
frequency.
Fig. 11 - The typical phase node voltage and the output voltage ripple waveform under 60A full load operation.
The typical gate waveform for the top and bottom MOSFETs is also shown here, well-controlled dead time is
demonstrated which ensures high efficiency operation of the VR.
Fig. 12 - The typical gate waveform for the top and bottom MOSFETs.
Ch2: HS Gate
Ch3: Phase Node
Ch4: LS Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com