Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2434SWTR Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC2434SWTR
Description  TriPhase Current Mode Controller with Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2434SWTR Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC2434SWTR Datasheet HTML 11Page - Semtech Corporation SC2434SWTR Datasheet HTML 12Page - Semtech Corporation SC2434SWTR Datasheet HTML 13Page - Semtech Corporation SC2434SWTR Datasheet HTML 14Page - Semtech Corporation SC2434SWTR Datasheet HTML 15Page - Semtech Corporation SC2434SWTR Datasheet HTML 16Page - Semtech Corporation SC2434SWTR Datasheet HTML 17Page - Semtech Corporation SC2434SWTR Datasheet HTML 18Page - Semtech Corporation SC2434SWTR Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2434
Applications Information (Cont.)
Efficency (%)
65.00
70.00
75.00
80.00
85.00
90.00
95.00
0
102030
40506070
I_out(A)
Typical Performance Of The Reference Design
The reference design implemented 1.5mOhm output droop impedance as shown in Fig. 9.
Fig. 9 - Measured output drooping characteristics of the 60A design.
The efficiency of the design is depends on the MOSFET being used and thermal management requirements of
controlling the PCB temperature and the MOSFET junction temperature. The following efficiency curve is corresponding
to 4mOhm bottom FET, while the top FET has 12 mOhm Rdson.
Fig. 10 - Typical efficiency curve for 12 mOhm top FETs and 4 Ohm bottom FETs.
Load Line (Vin=12V, VID=00100)
1.6
1.62
1.64
1.66
1.68
1.7
1.72
1.74
1.76
0
10
20
3040
5060
I (A)
Vo
Spec_H
Spec_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com