Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2434SWTR Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC2434SWTR
Description  TriPhase Current Mode Controller with Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2434SWTR Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC2434SWTR Datasheet HTML 11Page - Semtech Corporation SC2434SWTR Datasheet HTML 12Page - Semtech Corporation SC2434SWTR Datasheet HTML 13Page - Semtech Corporation SC2434SWTR Datasheet HTML 14Page - Semtech Corporation SC2434SWTR Datasheet HTML 15Page - Semtech Corporation SC2434SWTR Datasheet HTML 16Page - Semtech Corporation SC2434SWTR Datasheet HTML 17Page - Semtech Corporation SC2434SWTR Datasheet HTML 18Page - Semtech Corporation SC2434SWTR Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2434
Applications Information (Cont.)
The transient response for a maximum load step changes (10A to 60A) is shown in Fig. 14, where one can see that
accurate drooping will help to reduce the amount of output capacitance needed. Please notice that using more
multilayer ceramic capacitors for better high frequency decoupling can reduce the narrow voltage spikes.
Fig. 13 - Transient response and the test condition:
Step Load from 10A to 60A
Output Capacitors: 14 units of 560uF OSCON caps, 38 units of 10uF ceramic caps
Ch1: Output Voltage
Ch4: Output Current (1A = 27.5mV di/dt = 370A/uS)
Meet Intel P-4 spec
Output Voltage
Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com