Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4520 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4520
Description  3A Step-Down Switching Regulator with Adjustable Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4520 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4520 Datasheet HTML 1Page - Semtech Corporation SC4520 Datasheet HTML 2Page - Semtech Corporation SC4520 Datasheet HTML 3Page - Semtech Corporation SC4520 Datasheet HTML 4Page - Semtech Corporation SC4520 Datasheet HTML 5Page - Semtech Corporation SC4520 Datasheet HTML 6Page - Semtech Corporation SC4520 Datasheet HTML 7Page - Semtech Corporation SC4520 Datasheet HTML 8Page - Semtech Corporation SC4520 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4520
Pin Configurations
Ordering Information
r
e
b
m
u
N
t
r
a
P
)
2
(
)
1
(
e
g
a
k
c
a
P
T
R
T
E
S
0
2
5
4
C
SP
D
E
8
-
O
S
B
V
E
0
2
5
4
C
SD
R
A
O
B
N
O
I
T
A
U
L
A
V
E
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead-free product. This product is WEEE and
RoHS compliant.
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1T
S
B
h
c
ti
w
s
s
i
h
t
r
o
f
e
g
a
tl
o
v
n
o
n
r
u
t
m
u
m
i
n
i
m
e
h
T
.
h
c
ti
w
s
N
P
N
l
a
n
r
e
t
n
i
e
h
t
o
t
r
e
w
o
p
s
e
d
i
v
o
r
p
n
i
p
s
i
h
T
.
V
7
.
2
s
i
2N
I
g
n
ir
u
d
t
d
/i
d
h
g
i
h
s
e
e
s
n
i
p
s
i
h
T
.
y
r
ti
u
c
r
i
c
r
e
w
o
p
d
n
a
l
o
r
t
n
o
c
y
b
d
e
r
i
u
q
e
r
r
e
w
o
p
ll
a
s
r
e
v
il
e
d
N
I
n
i
P
.
e
l
b
i
s
s
o
p
s
a
e
s
o
l
c
s
a
n
i
p
s
i
h
t
o
t
d
e
h
c
a
tt
a
e
b
d
l
u
o
h
s
r
o
ti
c
a
p
a
c
g
n
il
p
u
o
c
e
d
A
.
g
n
i
h
c
ti
w
s
3W
S
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
e
d
o
i
d
g
n
il
e
e
h
w
e
e
r
f
l
a
n
r
e
t
x
e
e
h
T
.
h
c
ti
w
s
l
a
n
r
e
t
n
i
e
h
t
f
o
r
e
tt
i
m
e
e
h
t
s
i
W
S
n
i
P
.
n
i
p
s
i
h
t
o
t
e
l
b
i
s
s
o
p
s
a
e
s
o
l
c
s
a
4D
N
G
g
n
il
e
e
h
w
e
e
r
f
e
h
t
d
n
a
r
o
ti
c
a
p
a
c
g
n
il
p
u
o
c
e
d
e
h
T
.
n
i
p
s
i
h
t
o
t
t
c
e
p
s
e
r
h
ti
w
d
e
r
u
s
a
e
m
e
r
a
s
e
g
a
tl
o
v
ll
A
.
e
l
b
i
s
s
o
p
s
a
t
r
o
h
s
s
a
D
N
G
o
t
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
e
d
o
i
d
5N
E
.
w
o
l
s
i
N
E
fi
ff
o
s
i
ti
d
n
a
,
h
g
i
h
s
i
N
E
fi
n
o
d
e
h
c
ti
w
s
s
i
r
o
t
a
l
u
g
e
r
e
h
T
.t
u
p
n
i
e
l
b
a
n
e
p
i
h
c
e
h
t
s
i
s
i
h
T
w
e
f
a
o
t
d
e
c
u
d
e
r
s
i
t
n
e
r
r
u
c
y
l
p
p
u
s
t
u
p
n
i
e
h
t
d
n
a
,
w
o
l
s
i
N
E
n
e
h
w
e
d
o
m
y
b
d
n
a
t
s
n
i
s
i
r
o
t
a
l
u
g
e
r
e
h
T
.
s
e
r
e
p
m
a
o
r
c
i
m
6B
F.
s
r
e
ll
o
r
t
n
o
c
t
u
p
t
u
o
e
l
b
a
t
s
u
j
d
a
r
o
f
t
u
p
n
i
k
c
a
b
d
e
e
F
7P
M
O
C
A
.r
o
t
a
r
a
p
m
o
c
t
n
e
r
r
u
c
k
a
e
p
e
h
t
f
o
t
u
p
n
i
d
n
a
r
e
if
il
p
m
a
r
o
r
r
e
l
a
n
r
e
t
n
i
e
h
t
f
o
t
u
p
t
u
o
e
h
t
s
i
s
i
h
T
.
e
c
n
a
m
r
o
f
r
e
p
d
e
if
i
c
e
p
s
e
h
t
e
v
e
i
h
c
a
o
t
n
i
p
s
i
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
k
r
o
w
t
e
n
n
o
it
a
s
n
e
p
m
o
c
8T
E
S
F
r
o
t
a
ll
i
c
s
o
e
h
t
s
t
e
s
,
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
A
.
n
i
p
g
n
it
t
e
s
y
c
n
e
u
q
e
r
F
.
y
c
n
e
u
q
e
r
f
-L
A
M
R
E
H
T
D
A
P
d
e
t
c
e
n
n
o
c
t
o
N
.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
.
y
ll
a
n
r
e
t
n
i
Pin Descriptions
1
2
3
4
FSET
BST
TOP VIEW
(SO-8 EDP)
5
6
7
8
COMP
IN
FB
SW
EN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com