Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4520 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4520
Description  3A Step-Down Switching Regulator with Adjustable Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4520 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4520 Datasheet HTML 1Page - Semtech Corporation SC4520 Datasheet HTML 2Page - Semtech Corporation SC4520 Datasheet HTML 3Page - Semtech Corporation SC4520 Datasheet HTML 4Page - Semtech Corporation SC4520 Datasheet HTML 5Page - Semtech Corporation SC4520 Datasheet HTML 6Page - Semtech Corporation SC4520 Datasheet HTML 7Page - Semtech Corporation SC4520 Datasheet HTML 8Page - Semtech Corporation SC4520 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4520
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
t
n
e
r
r
u
C
t
u
p
n
I
B
FI
B
F
5
2
.
0
-1
-A
µ
e
g
a
tl
o
V
k
c
a
b
d
e
e
F
4
8
7
.
08
.
06
1
8
.
0V
e
n
i
L
e
g
a
tl
o
V
k
c
a
b
d
e
e
F
n
o
it
a
l
u
g
e
R
V
<
V
4
.
4
N
I
V
4
2
<
)
1
(
3
+V
/
V
m
V
o
t
B
F
P
M
O
C
n
i
a
G
e
g
a
tl
o
V
)
2
(
V
9
.
0
≤ V
P
M
O
C
≤
V
0
.
20
5
10
5
3V
/
V
V
o
t
B
F
P
M
O
C
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
)
2
(
∆ I
P
M
O
C
=
±
A
µ
0
1
0
0
50
5
80
0
3
1o
h
M
µ
V
P
M
O
C
t
n
e
r
r
u
C
e
c
r
u
o
S
n
i
PV
B
F
V
6
.
0
=0
70
1
1A
µ
V
P
M
O
C
t
n
e
r
r
u
C
k
n
i
S
n
i
PV
B
F
V
0
.
1
=0
7
-0
1
1
-A
µ
V
P
M
O
C
t
n
e
r
r
u
C
h
c
ti
w
S
o
t
n
i
P
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
V
P
M
O
C
V
5
2
.
1
=3
.
4V
/
A
V
P
M
O
C
m
u
m
i
x
a
M
n
i
P
d
l
o
h
s
e
r
h
T
g
n
i
h
c
ti
w
S
%
0
=
e
l
c
y
c
y
t
u
D6
.
0V
V
P
M
O
C
d
l
o
h
s
e
r
h
T
P
C
OV
P
M
O
C
g
n
i
s
ir2
V
V
P
M
O
C
d
l
o
h
s
e
r
h
T
y
r
t
e
R
p
u
c
c
i
HV
P
M
O
C
g
n
il
l
a
f5
2
.
0V
e
l
c
y
C
y
t
u
D
h
c
ti
w
S
m
u
m
i
x
a
MV
P
M
O
C
I
,
V
2
.
1
=
W
S
,
A
m
0
0
4
=
R
C
S
O
=
0
5
8%
e
g
a
tl
o
V
t
s
o
o
B
m
u
m
i
n
i
M
h
c
ti
w
S
e
v
o
b
A
)
2
(
7
.
2V
t
n
e
r
r
u
C
t
s
o
o
BI
W
S
A
1
=0
15
1A
m
I
W
S
A
3
=0
35
4
d
l
o
h
s
e
r
h
T
t
u
p
n
I
e
l
b
a
n
E
e
g
a
tl
o
V
V
H
T
E
1
.
13
.
15
.
1V
t
n
e
r
r
u
C
s
a
i
B
t
u
p
t
u
O
e
l
b
a
n
EI
L
O
E
d
l
o
h
s
e
r
h
t
w
o
l
e
b
V
m
0
5
=
N
E8
A
µ
I
H
O
E
d
l
o
h
s
e
r
h
t
w
o
l
e
b
V
m
0
5
=
N
E0
1A
µ
Electrical Characteristics (Cont.)
Notes:
(1) The required minimum input voltage for a regulated output depends on the output voltage and load condition.
(2) Guaranteed by design.
Unless specified: V
IN = 12V, VCOMP = 0.8V, VBST = VIN + 5V, EN = tied to VIN, SW = open.
T
A = TJ = -40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com