Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4520 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4520
Description  3A Step-Down Switching Regulator with Adjustable Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4520 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4520 Datasheet HTML 1Page - Semtech Corporation SC4520 Datasheet HTML 2Page - Semtech Corporation SC4520 Datasheet HTML 3Page - Semtech Corporation SC4520 Datasheet HTML 4Page - Semtech Corporation SC4520 Datasheet HTML 5Page - Semtech Corporation SC4520 Datasheet HTML 6Page - Semtech Corporation SC4520 Datasheet HTML 7Page - Semtech Corporation SC4520 Datasheet HTML 8Page - Semtech Corporation SC4520 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC4520
3A Step-Down Switching Regulator with
Adjustable Switching Frequency
Description
Features
Typical Application Circuit
Applications
Revision: December 13, 2006
The SC4520 is a current mode switching regulator with
an integrated switch and an adjustable frequency with
enable function. The integrated switch allows for cost-
effective, low power solutions with a peak switch current
of 3 amps. An adjustable high frequency of 100kHz to
600kHz provides for fast dynamic response and
instantaneous duty cycle adjustment as the input varies,
making the device ideal for CPE applications where the
input is a wall plug power. Low shutdown current also
makes the this device an excellent choice for portable
applications where conserving battery life is of prime
concern.
Wide operating voltage range: 4.4V to 24V
Integrated 3 Amp switch
100kHz to 600kHz adjustable frequency operation
Current mode control
Precision enable threshold
SO-8 EDP package. Lead-free product, fully WEEE
and RoHS compliant
XDSL modems
CPE equipment
DC-DC point of load applications
Portable equipment
Digtial consumer electronics
C1
VOUT
D2
R3
D1
L1
C2
BST
1
IN
2
SW
3
GND
4
EN
5
FB
6
COMP
7
FSET
8
Enable
C4
VIN
C3
R2
R1
SC4520
Rosc


Similar Part No. - SC4520

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC452 SEMTECH-SC452 Datasheet
64Kb / 1P
Dual-Phase Single Chip IMVP-6 Vcore Power Supply
SC4521 SEMTECH-SC4521 Datasheet
322Kb / 18P
3A Step-Down Switching Regulator with Programmable Soft Start
SC4521EVB SEMTECH-SC4521EVB Datasheet
322Kb / 18P
3A Step-Down Switching Regulator with Programmable Soft Start
SC4521SETRT SEMTECH-SC4521SETRT Datasheet
322Kb / 18P
3A Step-Down Switching Regulator with Programmable Soft Start
SC4524 SEMTECH-SC4524 Datasheet
1Mb / 21P
Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
More results

Similar Description - SC4520

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22670Q NSC-LM22670Q Datasheet
525Kb / 20P
3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Unisonic Technologies
P2583 UTC-P2583 Datasheet
190Kb / 6P
380KHz, 3A STEP-DOWN SWITCHING REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
600kHz 3A Step-Down Switching Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Semtech Corporation
SC4525E SEMTECH-SC4525E Datasheet
941Kb / 23P
28V 3A Step-Down Switching Regulator
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
28V 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com