Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4520 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4520
Description  3A Step-Down Switching Regulator with Adjustable Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4520 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4520 Datasheet HTML 4Page - Semtech Corporation SC4520 Datasheet HTML 5Page - Semtech Corporation SC4520 Datasheet HTML 6Page - Semtech Corporation SC4520 Datasheet HTML 7Page - Semtech Corporation SC4520 Datasheet HTML 8Page - Semtech Corporation SC4520 Datasheet HTML 9Page - Semtech Corporation SC4520 Datasheet HTML 10Page - Semtech Corporation SC4520 Datasheet HTML 11Page - Semtech Corporation SC4520 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4520
Application Information (Cont.)
Design Example: 16V to 5V at 2A
s
l
a
i
r
e
t
a
M
f
o
ll
i
B
m
e
t
Iy
t
Qe
c
n
e
r
e
f
e
Re
u
l
a
Vr
e
r
u
t
c
a
f
u
n
a
M
/.
o
N
t
r
a
P
11
1
CR
7
X
,
5
0
8
0
,
V
5
2
,
F
u
2
2
.
0y
a
h
s
i
V
22
3
C
,
2
CV
5
2
,
R
5
X
,
0
1
2
1
,
u
0
1c
i
n
o
s
a
n
a
P
31
4
CV
5
2
,
R
7
X
,
5
0
8
0
,
n
3
.
3y
a
h
s
i
V
41
5
CF
p
0
8
1
51
1
D3
2
3
-
D
O
S
,
S
W
8
4
1
4
N
1
61
2
D3
3
S
S3
3
S
S
:
N
/
P
d
li
h
c
r
i
a
F
71
1
LH
u
2
.
82
R
8
-
5
2
1
R
D
:
N
/
P
R
E
P
O
O
C
81
1
RK
3
.
2
5
91
2
Rk
0
1
0
11
3
Rk
4
.
3
1
11
4
Rk
5
7
.
4
2
11
c
s
o
R0
3
11
1
U0
2
5
4
C
Sh
c
e
t
m
e
S
.
e
g
a
k
c
a
p
3
0
6
0
h
ti
w
n
o
i
s
i
c
e
r
p
%
1
e
v
a
h
s
r
o
t
s
i
s
e
r
ll
a
,
d
e
if
i
c
e
p
s
s
s
e
l
n
U
%
0
2
-
/
+
e
r
a
s
r
o
ti
c
a
p
a
c
ll
a
d
n
a
%
1
-
/
+
e
r
a
s
r
o
t
s
i
s
e
R
C1
0.22u
SC4520
IN
2
SW
3
EN
5
FB
6
COMP
7
FSET
8
D3
R2
10k
R1
52.3k
R3
3.4k
C4
3.3n
C2
10u
D2
L1
8.2uH
R4
4.75k
C5
180p
VIN =16V
Vo=5V
C3
10u
Rosc=0
C1
0.22u
SC4520
IN
2
SW
3
EN
5
FB
6
COMP
7
FSET
8
D3
R2
10k
R1
52.3k
R3
3.4k
C4
3.3n
C2
10u
D2
L1
8.2uH
R4
4.75k
C5
180p
VIN =16V
Vo=5V
C3
10u
Rosc=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com