Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC339EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC339EVB
Description  Ultra Low Output Voltage Linear FET Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC339EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC339EVB Datasheet HTML 1Page - Semtech Corporation SC339EVB Datasheet HTML 2Page - Semtech Corporation SC339EVB Datasheet HTML 3Page - Semtech Corporation SC339EVB Datasheet HTML 4Page - Semtech Corporation SC339EVB Datasheet HTML 5Page - Semtech Corporation SC339EVB Datasheet HTML 6Page - Semtech Corporation SC339EVB Datasheet HTML 7Page - Semtech Corporation SC339EVB Datasheet HTML 8Page - Semtech Corporation SC339EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
© 2006 Semtech Corp.
www.semtech.com
SC339
PRELIMINARY
POWER MANAGEMENT
Pin Descriptions
Notes:
1) Only available in tape and reel packaging. A reel contains 2500
devices.
2) V
IN = 5V
3) V
ADJ is ± 1% over 0°C ≤ TA ≤ +85°C.
4) Lead-free product. This product is fully WEEE and RoHS
compliant.
Pin Configuration
Ordering Information
Part Number
Package
SC339SKTRT
SOT-23 6 Pin
SC339EVB
Evaluation Board
Pin
Pin Name
Pin Function
1
IN
5V supply
2
GND
Ground
3
EN
Active high enable control - connect to IN if not being used - do not allow to float
4
PGD
Power good signal output for V
OUT
5
ADJ
Regulator sense input - used for sensing the output voltage for power good and
under-voltage and to set the output voltage
6
DRV
Output of regulator - drives the gate of an N-channel MOSFET to maintain V
OUT
set by R1 and R2
Marking Information
1
4
5
6
3
2
DRV
IN
EN
PGD
GND
ADJ
Top View
(SOT-23 6L)
Marking for SOT23, 6 lead package:
yyww = Datecode (Example: E652)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com