Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC339EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC339EVB
Description  Ultra Low Output Voltage Linear FET Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC339EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC339EVB Datasheet HTML 3Page - Semtech Corporation SC339EVB Datasheet HTML 4Page - Semtech Corporation SC339EVB Datasheet HTML 5Page - Semtech Corporation SC339EVB Datasheet HTML 6Page - Semtech Corporation SC339EVB Datasheet HTML 7Page - Semtech Corporation SC339EVB Datasheet HTML 8Page - Semtech Corporation SC339EVB Datasheet HTML 9Page - Semtech Corporation SC339EVB Datasheet HTML 10Page - Semtech Corporation SC339EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
SC339
POWER MANAGEMENT
Applications Information (Cont.)
Note: R
DS(ON) must be met at all temperatures and at the mini-
mum V
GS condition.
Setting The Output Voltage: the adjust pin connects
directly to the inverting input of the error amplifier, and
the output voltage is set using external resistors (please
refer to the Typical Application Circuit on Page 1).
Using output 1 as an example, the output voltage can be
calculated as follows:
R1
V
OUT = 0.5 • ( 1 + —— )
R2
The input bias current for the adjust pin is so low that
it can be safely ignored. To avoid picking up noise, it is
recommended that the total resistance of the feedback
chain be less than 100k
Ω. With ceramic capacitors, a
recommended divider current of >100μA is recommended
to keep the FET conducting during light load conditions to
improve transient response.
SC339 Supply Comes Up Before MOSFET Drain Supply
MOSFET Drain Supply Comes Up Before SC339 Supply
2.8V
2.7V
Power Supply Sequencing
Input Capacitors: placement of low ESR capacitors such
as Sanyo POSCAPs or Panasonic SP-caps at the input to
the MOSFET (V
DRAIN) will help to hold up the power supply
during fast load changes, thus improving overall transient
response. If V
DRAIN is located at the bulk capacitors for
the upstream voltage regulator, additional capacitance
may not be required. In this case a 0.1μF ceramic
capacitor will suffice. The 5V bias supply to the SC339
should be bypassed with a 0.1μF ceramic capacitor.
MOSFETs: very low or low threshold N-channel
MOSFETs are required. Select FETs rated for V
GS
of 2.7V or lower. For the device to work under all
operating conditions, a maximum R
DS(ON) must be met to
ensure that the output will never go into dropout:
V
IN(MIN) ― VOUT(MAX)
R
DSON(MAX) =
———————
Ω
I
OUT(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com