Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC339EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC339EVB
Description  Ultra Low Output Voltage Linear FET Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC339EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC339EVB Datasheet HTML 1Page - Semtech Corporation SC339EVB Datasheet HTML 2Page - Semtech Corporation SC339EVB Datasheet HTML 3Page - Semtech Corporation SC339EVB Datasheet HTML 4Page - Semtech Corporation SC339EVB Datasheet HTML 5Page - Semtech Corporation SC339EVB Datasheet HTML 6Page - Semtech Corporation SC339EVB Datasheet HTML 7Page - Semtech Corporation SC339EVB Datasheet HTML 8Page - Semtech Corporation SC339EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
www.semtech.com
SC339
Ultra Low Output Voltage
Linear FET Controller
POWER MANAGEMENT
Sept 11, 2006
Description
Features
The SC339 is an ultra-low output voltage, linear power
supply controller designed to simplify power manage-
ment for notebook PCs. It is part of Semtech’s Smart
LDOTM family of products. The SC339 has a user
adjustable output that can be set anywhere between 0.5V
and 3.3V using two external resistors.
SC339 features include tight output voltage regulation (±
1% over 0°C to +85°C), enable control, open drain power
good signal, under-voltage protection and soft-start. The
enable pin allows the part to enter a very low power standby
mode. Pulling it high enables the output. The power good
pin is an open drain and asserts low when the voltage at
the adjust pin is below 88% (typ) of nominal. If the voltage
at the adjust pin is below 50% (typ) of nominal, the under-
voltage protection circuitry will shut down the output. The
SC339 is available in a tiny SOT-23 6-pin surface mount
package.
± 1% Voltage Accuracy Over-Temperature
Low Shutdown Current
Runs Off 5V Supply
Ultra-Fast Transient Response
Enable Control for the Output
Power Good Monitoring and Signaling for the Output
Gate Drive from Input Supply Enables Use of
N-Channel MOSFET
User Selectable Dropout Voltage
Under-Voltage Protection for the Output
SOT-23 6-pin Surface Mount Package
Compatible with Ceramic Capacitors
Low Ripple Output
Internal 1ms soft-start requires no external compo-
nents
Fully WEEE and RoHS compliant
Notebook PCs
Desktop Computers
Battery Powered Devices
Portable Instruments
Typical Application Circuit
Applications
1.05V @ 3A
SC339
IN
DRV
ADJ
PGD
EN
GND
C1
C2
C4
5V IN
1.05V
Enable
1.05V
Power Good
1.2V +/-5% IN
IRF7311
or similar
Vout = (1+R1/R2)*0.5
Notes:
(1) Optional Components to use with ceramic output
capacitors (C2)
C3 (1)
R3 (1)
R1
R2


Similar Part No. - SC339EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
SC33001A-EVB SEMTECH-SC33001A-EVB Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
SC33001ACSTRT SEMTECH-SC33001ACSTRT Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
SC33001AH SEMTECH-SC33001AH Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
SC33001AH-EVB SEMTECH-SC33001AH-EVB Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
More results

Similar Description - SC339EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
Linear Fet Controller
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
DUAL LINEAR FET CONTROLLER
logo
Global Mixed-mode Techn...
G9338 GMT-G9338 Datasheet
139Kb / 1P
Ultra Low Output Voltage Linear N-FET Controller
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
Linear FET Controller
SC2738 SEMTECH-SC2738 Datasheet
232Kb / 13P
Ultra Low Output Voltage Dual Linear FET Controller
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
Ultra Low Output Voltage Dual Linear FET Controller
logo
Maxim Integrated Produc...
MAX8563 MAXIM-MAX8563 Datasheet
272Kb / 15P
1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
19-3290; Rev 2; 6/06
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
Ultra Low Output Voltage Linear N-FET Controller
logo
Advanced Power Electron...
APE8858 A-POWER-APE8858 Datasheet
281Kb / 6P
ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
logo
Unisonic Technologies
LC1126 UTC-LC1126 Datasheet
100Kb / 6P
ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com