Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC339EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC339EVB
Description  Ultra Low Output Voltage Linear FET Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC339EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC339EVB Datasheet HTML 1Page - Semtech Corporation SC339EVB Datasheet HTML 2Page - Semtech Corporation SC339EVB Datasheet HTML 3Page - Semtech Corporation SC339EVB Datasheet HTML 4Page - Semtech Corporation SC339EVB Datasheet HTML 5Page - Semtech Corporation SC339EVB Datasheet HTML 6Page - Semtech Corporation SC339EVB Datasheet HTML 7Page - Semtech Corporation SC339EVB Datasheet HTML 8Page - Semtech Corporation SC339EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
© 2006 Semtech Corp.
www.semtech.com
SC339
PRELIMINARY
POWER MANAGEMENT
Absolute Maximum Ratings
Parameter
Symbol
Maximum
Units
Input Supply Voltage
V
IN
-0.3 to +6
V
Drive Pin
V
DRV
-0.3 to V
IN + 0.3V
V
Adjust and Power Good Pin
V
ADJ, VPGD
-0.3 to V
IN + 0.3V
V
Enable Pin
V
EN
-0.3 to V
IN + 0.3V
V
Thermal Impedance Junction to Ambient
θ
JA
190
°C/W
Thermal Impedance Junction to Case
θ
JC
81
°C/W
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Operating Junction Temperature Range
T
J
-40 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 Sec.
T
LEAD
300
°C
ESD Rating (Human Body Model)
V
ESD
2kV
Electrical Characteristics
Unless specified: T
A = 25°C, VIN = VEN = 5V ± 5%, VPWR
(1)
= 1.5V ± 5%, 0A
≤ I
OUT ≤ 3A.
Values in bold apply over full operating ambient temperature range.
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied. Exposure to absolute maximum rated conditions for extended periods of time may affect device reliability.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
V
IN
4.5
5
5.5
V
Quiescent Current
I
Q
V
IN = 5V
130
200
μA
Standby Current
I
Q(OFF)
EN low
0.1
1.0
μA
Input Under-Voltage Lockout
Start Threshold
V
UVLO
V
IN rising
4.20
V
Hysteresis
V
HYST
V
IN falling
0.10
V
EN
Enable Input Threshold
V
IH
Output on
2.8
V
V
IL
Output off
1.8
Enable Input Bias Current
V
IN = VEN = 5V
-1
+1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com