Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196AEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC196AEVB
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196AEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC196AEVB Datasheet HTML 1Page - Semtech Corporation SC196AEVB Datasheet HTML 2Page - Semtech Corporation SC196AEVB Datasheet HTML 3Page - Semtech Corporation SC196AEVB Datasheet HTML 4Page - Semtech Corporation SC196AEVB Datasheet HTML 5Page - Semtech Corporation SC196AEVB Datasheet HTML 6Page - Semtech Corporation SC196AEVB Datasheet HTML 7Page - Semtech Corporation SC196AEVB Datasheet HTML 8Page - Semtech Corporation SC196AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image

 2006 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Pin Configuration
Ordering Information
Programmable Output Voltage
Notes:
(1) Lead-free packaging only. This product is fully WEEE and RoHS
compliant.
(2) Available in tape and reel only. A reel contains 3000 devices.
VID1
VID0
SC196A V
OUT
0
0
1.0V
0
1
1.05V
1
0
1.2V
1
1
1.8V
DEVICE
PACKAGE
SC196AMLTRT(1)(2)
MLP 3x3-10
SC196AEVB
Evaluation Board
Ordering Information
Marking Information
196A
yyww
xxxx
yy = two digit year of manufacture
ww = two digit week of manufacture
xxxx = lot number
TOP VIEW
1
2
3
4
10
9
8
7
5
6
MLP10: 3X3 10 LEAD
VIN
MODE
SYNC/PWM
EN
VOUT
LX
PGND
GND
VID1
VID0
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com