Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196AEVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC196AEVB
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196AEVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC196AEVB Datasheet HTML 1Page - Semtech Corporation SC196AEVB Datasheet HTML 2Page - Semtech Corporation SC196AEVB Datasheet HTML 3Page - Semtech Corporation SC196AEVB Datasheet HTML 4Page - Semtech Corporation SC196AEVB Datasheet HTML 5Page - Semtech Corporation SC196AEVB Datasheet HTML 6Page - Semtech Corporation SC196AEVB Datasheet HTML 7Page - Semtech Corporation SC196AEVB Datasheet HTML 8Page - Semtech Corporation SC196AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
 2006 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Electrical Characteristics (Cont.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Quiescent Current
I
Q
SYNC/PWM = GND, I
OUT = 0A,
V
OUT = 1.04 x VOUT(Programmed)
17
28
µA
Shutdown Current
I
SD
EN = GND, LX = OPEN
0.1
1
µA
LX Leakage Current PMOS
I
LXP
LX = GND, EN = GND
0.1
2
µA
LX Leakage Current NMOS
I
LXN
LX = 3.6V, EN = GND
-2
0.1
µA
Oscillator Frequency
f
OSC
0.85
1.0
1.15
MHz
SYNC Frequency (upper)
f
SYNCU
1.25
MHz
SYNC Frequency (lower)
f
SYNCL
750
kHz
UVLO Threshold (upper)
V
UVL
2.38
2.52
2.65
V
UVLO Hysteresis
V
UVLHYS
135
mV
Thermal Shutdown
T
SD
145
°C
Thermal Shutdown Hysteresis
T
SD-HYS
10
°C
Logic Input High
V
IH
EN, SYNC/PWM, VID0, VID1, MODE
1.2
V
Logic Input Low
V
IL
EN, SYNC/PWM, VID0, VID1, MODE
0.4
V
Logic Input Current High
I
IH
EN, SYNC/PWM, VID0, VID1, MODE
-2
0.1
2
µA
Logic Input Current Low
I
IL
EN, SYNC/PWM, VID0, VID1, MODE
-2
0.1
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com