Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196AEVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC196AEVB
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196AEVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC196AEVB Datasheet HTML 4Page - Semtech Corporation SC196AEVB Datasheet HTML 5Page - Semtech Corporation SC196AEVB Datasheet HTML 6Page - Semtech Corporation SC196AEVB Datasheet HTML 7Page - Semtech Corporation SC196AEVB Datasheet HTML 8Page - Semtech Corporation SC196AEVB Datasheet HTML 9Page - Semtech Corporation SC196AEVB Datasheet HTML 10Page - Semtech Corporation SC196AEVB Datasheet HTML 11Page - Semtech Corporation SC196AEVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image

 2006 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Applications Information (Cont.)
In PSAVE mode, V
OUT is driven from a lower level to an
upper level by a switching burst. Once the upper level has
been reached, the switching is stopped and the quiescent
current is reduced. V
OUT falls from the upper to lower levels
in this low current state as the load current discharges
the output capacitor. The burst-to-off period in PSAVE will
decrease as the load current reduces.
The PSAVE switching burst frequency is controlled so that
the inductor current ripple is similar to that in PWM mode.
The minimum switching frequency during this period is
limited to 650kHz.
The SC196A automatically detects when to exit PSAVE
mode by monitoring V
OUT . For the SC196A to exit PSAVE
mode, the load must be increased, causing V
OUT to
decrease until the power save exit threshold is reached.
PSAVE levels are set high to minimize the undershoot
when exiting PSAVE. The lower PSAVE comparator level
is set +0.7% above V
OUT, and the upper comparator level
at +1.5% above V
OUT with the exit threshold at -2% below
V
OUT.
If PSAVE operation is required, then a 22µF output
capacitor must be used.
100% Duty Cycle Operation
The 100% duty cycle mode may be selected by connecting
the MODE pin high. This will allow the SC96A to maintain
output regulation under low input voltage/high output
voltage conditions.
In 100% duty cycle operation, as the input supply drops
toward the output voltage, the PMOS on-time increases
linearly above the maximum value in fixed-frequency
operation until the PMOS is active continuously. Once
the PMOS is switched on continuously, the output voltage
tracks the input voltage minus the voltage drop across
the PMOS power device and inductor according to the
following relationship:
where,
V
OUT
= Output voltage
V
IN
= Input voltage
I
OUT
= Output current
R
DSP
= PMOS switch ON resistance
R
IND
= Series resistance of the inductor
The 100% duty cycle can only operate for a programmed
output voltage of 1.8V.
With an output voltage of 1.8V, 100% duty cycle mode will
only be required to maintain regulation if V
IN falls below a
minimum value shown in the graph below.
)
R
R
(
I
V
V
IND
DSP
OUT
N
I
OUT
+
−
=
×
)
R
R
(
I
V
V
IND
DSP
OUT
N
I
OUT
+
−
=
×
Minimum V
IN for Fixed Frequency Operation Vs. RIND
2.7
2.75
2.8
2.85
2.9
2.95
3
0.05
0.1
0.15
0.2
0.25
0.3
Inductor DC Resistance
(Ω)
VOUT = 1.8V
IOUT =1A
Power Save Operation
VOUT
0.7%
1.5%
PSAVE Mode at Light Load
PWM Mode at Medium/
High Load
-2%
BURST
OFF
Higher Load
Applied
0 A
Inductor Current
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com