Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196AEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC196AEVB
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196AEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC196AEVB Datasheet HTML 8Page - Semtech Corporation SC196AEVB Datasheet HTML 9Page - Semtech Corporation SC196AEVB Datasheet HTML 10Page - Semtech Corporation SC196AEVB Datasheet HTML 11Page - Semtech Corporation SC196AEVB Datasheet HTML 12Page - Semtech Corporation SC196AEVB Datasheet HTML 13Page - Semtech Corporation SC196AEVB Datasheet HTML 14Page - Semtech Corporation SC196AEVB Datasheet HTML 15Page - Semtech Corporation SC196AEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2
 2006 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Typical Characteristics (Cont.)
V
OUT vs. IOUT, VOUT=1.8V, PWM
V
OUT vs. Temperature
V
OUT=1.8V, PWM
1.7975
1.7980
1.7985
1.7990
1.7995
1.8000
1.8005
1.8010
1.8015
1.8020
1.8025
0
0.2
0.4
0.6
0.8
1
1.2
IOUT (A)
Quiescent Current vs. Input Voltage
Quiescent Current vs. Input Voltage
P-Channel R
DSON vs. Input Voltage
1.8040
1.8045
1.8050
1.8055
1.8060
1.8065
1.8070
1.8075
1.8080
1.8085
1.8090
-50 -40 -30 -20 -10
0
10 20 30 40
50 60 70 80 90
TA(°C)
12
13
14
15
16
17
18
19
20
21
22
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
TA = 85 °C
TA = 25 °C
TA = 40 °C
PSAVE Mode
3
3.5
4
4.5
5
5.5
6
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
TA = 85 °C
TA = 25 °C
TA = -40 °C
PWM Mode
0.10
0.15
0.20
0.25
0.30
0.35
0.40
2.7
3.2
3.7
4.2
4.7
5.2
TA = 85 °C
TA = 25 °C
TA = -40 °C
VIN (V)
VIN (V)
1.80
1.81
1.82
1.83
1.84
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VOUT=1.8V PWM
IOUT=500mA
VOUT=1.8V PSAVE
IOUT=50mA
V
OUT vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com