Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1458AEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1458AEVB
Description  Dual Output Low Noise LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1458AEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1458AEVB Datasheet HTML 3Page - Semtech Corporation SC1458AEVB Datasheet HTML 4Page - Semtech Corporation SC1458AEVB Datasheet HTML 5Page - Semtech Corporation SC1458AEVB Datasheet HTML 6Page - Semtech Corporation SC1458AEVB Datasheet HTML 7Page - Semtech Corporation SC1458AEVB Datasheet HTML 8Page - Semtech Corporation SC1458AEVB Datasheet HTML 9Page - Semtech Corporation SC1458AEVB Datasheet HTML 10Page - Semtech Corporation SC1458AEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SC1458
7
Pin Descriptions
Pin #
Pin Name
Pin Function
SC1458A
SC1458B
1
1
OUTB
Output for LDOB
2
2
VIN
Input supply voltage terminal
3
3
OUTA
Output for LDOA
4
4
GND
Analog and digital ground
5
5
EN
Logic Input — active high enables the SC1458.
6
PGOOD
Open drain logic output — monitors output of LDOA, switches low when the output drops out
of regulation.
6
BYP
LDO bypass output — bypass with a 22nF capacitor.
TT
Thermal
Pad
Pad is for heatsinking purposes — not connected internally. Connect exposed pad to ground
using multiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com