Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1458AEVB Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1458AEVB
Description  Dual Output Low Noise LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1458AEVB Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1458AEVB Datasheet HTML 5Page - Semtech Corporation SC1458AEVB Datasheet HTML 6Page - Semtech Corporation SC1458AEVB Datasheet HTML 7Page - Semtech Corporation SC1458AEVB Datasheet HTML 8Page - Semtech Corporation SC1458AEVB Datasheet HTML 9Page - Semtech Corporation SC1458AEVB Datasheet HTML 10Page - Semtech Corporation SC1458AEVB Datasheet HTML 11Page - Semtech Corporation SC1458AEVB Datasheet HTML 12Page - Semtech Corporation SC1458AEVB Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SC1458
9
General Description
The SC1458 is a dual output linear regulator intended
for applications where low dropout voltage, low supply
current, and low output noise are critical. The device
provides a very simple, low cost solution for two separate
regulated outputs using very little PCB area due to its
small package size and the need for only three external
capacitors.
Both linear regulators are powered from a single input
voltage supply rail, and each provides 300mA of output
current. Output voltages are set internally, eliminating the
need for external resistors.
An active high enable pin (EN) controls operation of both
regulators. Pulling this pin low causes the device to enter a
very low power shutdown mode, where it typically draws
100nA from the input supply.
The device is available in two versions: SC1458A and
SC1458B. The SC1458A version has pin 6 configured as a
power good signal (PGOOD), which monitors the output
of LDOA. The SC1458B device has pin 6 configured as an
external bypass pin (BYP). This is suitable for applications
which require low output noise and excellent PSRR
characteristics.
Power-On Control
When EN transitions high, the output of LDOA is enabled.
After a delay of 128μs, the output of LDOB is enabled.
In the case of the SC1458A, when the output voltage of
LDOA reaches 87% of its regulation point, the delay timer
starts and the PGOOD signal transitions high after a delay
of 200ms. The power up/down sequence is shown in
Figure 1.
OUTA
PGOOD
EN
OUTB
87%
200 ms
128μs
87%
Figure 1 — Timing Diagram
Active Shutdown
The SC1458 has internal active shutdown circuitry
included for both LDOs. Shutdown behavior is controlled
by discharging the output capacitor on the LDO output
by an on-chip FET when the LDO is disabled.
Protection Circuitry
The device provides the following protection features to
ensure that no damage is incurred in the event of a fault
condition.
Under-Voltage Lockout
Over-Temperature Protection
Short-Circuit Protection
Under-Voltage Lockout
The Under-Voltage LockOut (UVLO) circuit protects the
device from operating in an unknown state if the input
voltage supply is too low.
When the V
IN
drops below the UVLO threshold, the
LDOs are disabled and discharged — PGOOD is held
low (SC1458A only). When V
IN
is increased above the
hysteresis level, the LDOs are enabled into their previous
states (timing described in Figure 1), provided EN has
remained high. When powering-up with V
IN
below the
UVLO threshold, the LDOs will remain off and PGOOD
will be held low (SC1458A only).
Over-Temperature Protection
An internal over-temperature (OT) protection circuit is
provided that monitors the internal junction temperature.
When the temperature exceeds the OT threshold as
defined in the Electrical Characteristics section, the OT
protection disables all the LDO outputs and holds the
PGOOD signal low. When the junction temperature drops
below the hysteresis level, the LDOs are re-enabled into
their previous states and PGOOD is set high, provided EN
has remained high (SC1458A only).
Short-Circuit Protection
Each LDO output has short-circuit protection. If the
output current exceeds the current limit, the output
voltage will drop and the output current will be limited
until the short is removed. If a short-circuit occurs on the
output of LDOA, the output of LDOB will also be disabled
•
•
•
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com