Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1458AEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1458AEVB
Description  Dual Output Low Noise LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1458AEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC1458AEVB Datasheet HTML 1Page - Semtech Corporation SC1458AEVB Datasheet HTML 2Page - Semtech Corporation SC1458AEVB Datasheet HTML 3Page - Semtech Corporation SC1458AEVB Datasheet HTML 4Page - Semtech Corporation SC1458AEVB Datasheet HTML 5Page - Semtech Corporation SC1458AEVB Datasheet HTML 6Page - Semtech Corporation SC1458AEVB Datasheet HTML 7Page - Semtech Corporation SC1458AEVB Datasheet HTML 8Page - Semtech Corporation SC1458AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SC1458
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC1458AWLTRT(1)(2)
MLPD-W6 3x3
SC1458BWLTRT(1)(2)
MLPD-W6 3x3
SC1458AEVB
Evaluation Board
SC1458BEVB
Evaluation Board
Notes:
(1)
Available in tape and reel only. A reel contains 3,000 devices.
(2)
Available in lead-free package only. Device is WEEE and RoHS
compliant.
1
2
3
4
5
6
TOP
VIEW
T
BROn
yyww
xxxx
Voltage Options
Device
Marking ID
V
LDOA
V
LDOB
SC1458A
BROA
2.5V
1.8V
SC1458B
BROB
2.85V
2.85V
MLPD-W6; 3x3, 6 LEAD
θ
JA = 50°C/W
BROn = See Voltage Options Table for Details
yyww = Datecode
xxxx = Semtech Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com