Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1458AEVB Datasheet (PDF) - Semtech Corporation

SC1458AEVB Datasheet PDF - Semtech Corporation
Part # SC1458AEVB
Download  SC1458AEVB Download
File Size   212.75 Kbytes
Page   13 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Dual Output Low Noise LDO Linear Regulator

SC1458AEVB Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1458AEVB Datasheet PDF - Semtech Corporation

Part # SC1458AEVB
Download  SC1458AEVB Click to download

File Size   212.75 Kbytes
Page   13 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Dual Output Low Noise LDO Linear Regulator

SC1458AEVB Datasheet (HTML) - Semtech Corporation


SC1458AEVB Product details

Description
The SC1458 is a family of dual output, ultra-low dropout linear voltage regulators designed for use in battery powered wireless applications. Both versions of the SC1458 require an input voltage level between 2.5V and 5.5V. The SC1458A supplies 2.5V on OUTA and 1.8V on OUTB, while SC1458B supplies 2.85V on both outputs. (For other voltage options see the SC560).

Features
■ Input voltage range — 2.5 to 5.5V
■ Output voltages — 2.8V and 1.8V (SC1458A), 2.85V and 2.85V (SC1458B)
■ Maximum output current — 300mA (each LDO)
■ Low 200mV maximum dropout at 200mA load
■ Quiescent current — 100μA (both LDOs enabled)
■ Shutdown current — 100nA
■ Output noise < 50μVRMS (SC1458B)
■ PSRR > 65dB at 1kHz (SC1458B)
■ Space saving package — MLPD-W6, 3mm x 3mm
■ Over-temperature protection
■ Short-circuit protection
■ Under-voltage lockout
■ Reset monitor for output A (SC1458A)

Applications
■ PDAs and cellular phones
■ GPS devices
■ Palmtop computers and handheld instruments
■ TFT/LCD applications
■ Wireless handsets
■ Digital cordless phones and PCS phones
■ Personal communicators
■ Two-way pagers
■ Wireless LAN




Similar Part No. - SC1458AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
SC1452XIMSTRT SEMTECH-SC1452XIMSTRT Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
More results


Similar Description - SC1458AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC560 SEMTECH-SC560 Datasheet
285Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC561 SEMTECH-SC561 Datasheet
277Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560_08 Datasheet
291Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560CULTRT SEMTECH-SC560CULTRT Datasheet
275Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560DULTRT SEMTECH-SC560DULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
Dual Output 300mA LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
1A Automotive Low-Noise LDO Linear Regulator
2020
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com