Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC623AEVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC623AEVB
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC623AEVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC623AEVB Datasheet HTML 1Page - Semtech Corporation SC623AEVB Datasheet HTML 2Page - Semtech Corporation SC623AEVB Datasheet HTML 3Page - Semtech Corporation SC623AEVB Datasheet HTML 4Page - Semtech Corporation SC623AEVB Datasheet HTML 5Page - Semtech Corporation SC623AEVB Datasheet HTML 6Page - Semtech Corporation SC623AEVB Datasheet HTML 7Page - Semtech Corporation SC623AEVB Datasheet HTML 8Page - Semtech Corporation SC623AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
POWER MANAGEMENT
1
SC623A
LED Light Management Unit
Charge Pump, 4 LEDs, 400mA Flash LED,
and I2C Interface
© 2007 Semtech Corporation
Features
Input supply voltage range — 3.0V to 5.5V
Charge pump modes — 1x, 1.5x and 2x
Four programmable current sinks with 32 steps from
0.5mA to 25mA
Flash LED — 400mA max in flash mode, 250mA max
continuous for spotlight
Charge pump frequency — 250kHz
I2C compatible interface — up to 400kHz
Backlight current accuracy ±1.5% typical
Backlight current matching ±0.5% typical
Programmable fade-in/fade-out for main backlight
External flash control pin to sync with camera
Optional 1s flash time out
Automatic sleep mode (LEDs off ) — I
Q
= 100μA
Low shutdown current — 0.1μA (typical)
Ultra-thin package — 3mm x 3mm x 0.6mm
Fully WEEE and RoHS compliant
Applications
Cellular phone backlighting and flash
PDA backlighting and flash
Camera I/O and core power
Description
The SC623A is a high efficiency charge pump LED driver
using Semtech’s proprietary mAhXLifeTM technology.
Performance is optimized for use in single-cell Li-ion
battery applications.
The
charge
pump
provides
backlight
current
in
conjunction with four matched current sinks. It also can
supply continuous or bursted current to a flash LED using
the dedicated flash driver current sink.The load and supply
conditions determine whether the charge pump operates
in 1x, 1.5x, or 2x mode. An optional fading feature that
gradually adjusts the backlight current is provided to
simplify control software. A flash-timeout feature disables
the flash if active for longer than 1 second.
The SC623A uses an I2C compatible serial interface. The
interface controls all functions of the device, including
backlight and flash currents. The flash/spotlight output is
triggered via either the I2C interface or a dedicated pin.
In sleep mode, the device reduces quiescent current to
100
μA while continuing to monitor the serial interface.
Total current reduces to 0.1μA in shutdown.
SC623A
VIN
SDA
FLEN
AGND
PGND
VOUT
BL 1
BL 2
BL 3
FL
BL 4
FLASH
CIN
2.2μF
MAIN BACKLIGHT
1
C + C1- C2+ C2-
I2C Data
Flash Control
Enable Control
I2C Clock
SCL
EN
VBAT
C1
2.2μF
C2
2.2μF
COUT
4.7μF
US Patents: 6,504,422; 6,794,926
Typical Application Circuit
June 27, 2007


Similar Part No. - SC623AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
logo
Infinite Electronics In...
SC6231 FAIRVIEW-SC6231 Datasheet
505Kb / 3P
BNC Female Connector Stub Terminal Solder Attachment 4 Hole Flange
REV 2.1
logo
Semtech Corporation
SC623EVB SEMTECH-SC623EVB Datasheet
274Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC623ULTRT SEMTECH-SC623ULTRT Datasheet
274Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
logo
MISUMI Group Inc
SC623ZZ MISUMI-SC623ZZ Datasheet
1Mb / 1P
Stainless Steel Small Deep Groove Ball Bearings
More results

Similar Description - SC623AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC627A SEMTECH-SC627A Datasheet
380Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and I2C Interface
SC622 SEMTECH-SC622 Datasheet
300Kb / 21P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621 SEMTECH-SC621_09 Datasheet
314Kb / 23P
LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622 SEMTECH-SC622_09 Datasheet
301Kb / 21P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
SC622A SEMTECH-SC622A_09 Datasheet
308Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC627A SEMTECH-SC627A_09 Datasheet
321Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED,Dual LDOs, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com