Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC623AEVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC623AEVB
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC623AEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC623AEVB Datasheet HTML 12Page - Semtech Corporation SC623AEVB Datasheet HTML 13Page - Semtech Corporation SC623AEVB Datasheet HTML 14Page - Semtech Corporation SC623AEVB Datasheet HTML 15Page - Semtech Corporation SC623AEVB Datasheet HTML 16Page - Semtech Corporation SC623AEVB Datasheet HTML 17Page - Semtech Corporation SC623AEVB Datasheet HTML 18Page - Semtech Corporation SC623AEVB Datasheet HTML 19Page - Semtech Corporation SC623AEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
SC623A
16
Register and Bit Definitions (continued)
BL[4:0]
These bits are used to set the current for the backlight
current sinks. All enabled backlight current sinks will sink
the same current, as shown in Table 1.
BL_4
BL_3
BL_2
BL_1
BL_0
Backlight Current
(mA)
00000
0.5
00001
1.0
00010
1.5
00011
2.0
00100
2.5
00101
3.0
00110
3.5
00111
4.0
01000
4.5
01001
5
01010
5.5
01011
6
01100
6.5
01101
7
01110
7.5
01111
8
10000
8.5
10001
9
10010
9.5
10011
10
10100
10.5
10101
11
10110
11.5
10111
12
11000
13
11001
14
11010
15
11011
17
11100
19
11101
21
11110
23
11111
25
Table 1 — Backlight Current Control Bits
BL Enable Control Register (0x01)
This register is
used to enable the backlight current
sinks.
BLEN[4:1]
These bits are used to enable current sinks (active high,
default low).
BLEN_4 — Enable bit for backlight BL4
BLEN_3 — Enable bit for backlight BL3
BLEN_2 — Enable bit for backlight BL2
BLEN_1 — Enable bit for backlight BL1
When enabled, the current sinks will carry the current set
by the backlight current control bits BL[4:0], as shown in
Table 1.
Flash/Spotlight Control Register (0x02)
This register is used to configure the flash time-out feature,
the flash or spotlight current, and select flash or spotlight
current ranges.
FLTO
This bit is used to enable the flash safety time-out feature.
The default state is enabled with FLTO = 1. If this bit is set,
the device will turn off the flash after a nominal period of
1s. Two ways to re-enable the flash function after a safety
time-out are:
Pull the FLEN pin low to re-enable the flash
function
Clear and re-write FL[2:0]
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com