Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC623AEVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC623AEVB
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC623AEVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC623AEVB Datasheet HTML 9Page - Semtech Corporation SC623AEVB Datasheet HTML 10Page - Semtech Corporation SC623AEVB Datasheet HTML 11Page - Semtech Corporation SC623AEVB Datasheet HTML 12Page - Semtech Corporation SC623AEVB Datasheet HTML 13Page - Semtech Corporation SC623AEVB Datasheet HTML 14Page - Semtech Corporation SC623AEVB Datasheet HTML 15Page - Semtech Corporation SC623AEVB Datasheet HTML 16Page - Semtech Corporation SC623AEVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SC623A
13
Over-Temperature Protection
The Over-Temperature (OT) protection circuit helps
prevent the device from overheating and experiencing
a catastrophic failure. When the junction temperature
exceeds 160°C, the device goes into thermal shutdown
with all outputs disabled until the junction temperature
is reduced. All register information is retained during
thermal shutdown.
Charge Pump Output Current Limit
The device also limits the charge pump current at the
VOUT pin. When VOUT is shorted to ground, the typical
output current is 300mA. The current limiting is triggered
by an output under-voltage lockout below 2V. The output
returns to normal when the short is removed and VOUT is
above 2.5V. Above 2.5V, a typical current limit of 300mA
applies when the FL current sink is off and a typical current
limit of 1A applies when the FL current sink is on.
Applications Information (continued)
LED Float Detection
Float detect is a fault detection feature of the LED current
sink outputs. If an output is programmed to be enabled
and an open circuit fault occurs at any current sink output,
that output will be disabled to prevent a sustained output
OVP condition from occurring due to the resulting open
loop. Float detect ensures device protection but does
not ensure optimum performance. Unused LED outputs
must be disabled to prevent an open circuit fault from
occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com