Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC623AEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC623AEVB
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC623AEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC623AEVB Datasheet HTML 8Page - Semtech Corporation SC623AEVB Datasheet HTML 9Page - Semtech Corporation SC623AEVB Datasheet HTML 10Page - Semtech Corporation SC623AEVB Datasheet HTML 11Page - Semtech Corporation SC623AEVB Datasheet HTML 12Page - Semtech Corporation SC623AEVB Datasheet HTML 13Page - Semtech Corporation SC623AEVB Datasheet HTML 14Page - Semtech Corporation SC623AEVB Datasheet HTML 15Page - Semtech Corporation SC623AEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SC623A
12
Applications Information (continued)
Backlight Quiescent Current
The quiescent current required to operate all four
backlights is reduced by 1.5mA when backlight current
is set to 4.0mA or less. This feature results in higher
efficiency under light-load conditions. Further reduction
in quiescent current will result from using fewer than four
LEDs.
Fade-In and Fade-Out
Backlight brightness can be set to automatically fade-in
when current is set to increase and fade-out when current
is set to decrease. When enabled with a new current
setting, the current will step through each incremental
setting between the old and new values. The result is a
visually smooth change in brightness with a rate of fade
that can be set to 8, 16, 24, or 32 ms per step.
LED Flash and Spotlight Current Sink
A single output current sink is provided to drive both flash
and spotlight functions. In flash mode, this current sink
provides up to 400mA for a flash LED or array of parallel
LEDs. Flash current settings are in 50mA increments from
50mA to 400mA. The FLEN pin directly triggers the FLASH
function when pulled high, or it can be wired to VIN to
enable software control via the serial interface.
In spotlight mode, the output can be set for up to 250mA
of continuous current. Settings are available in 50mA
increments from 50mA to 250mA. Continuous operation
above 250mA is not recommended due to high power
dissipation.
Flash and Spotlight Safety Timer
A safety timer disables the flash and spotlight output
current sink if the sink remains active for an extended
period. The timer protects the SC623A and the LED from
high power dissipation that can cause overheating. The
timer’s default state is on, but the timer may be disabled
via the serial interface to allow continuous output current
in spotlight mode. The safety timer affects only the FL pin
and will turn off the sink after a period of 1 second. The
timer may be reset by either forcing the FLEN pin low
or by resetting the Flash/Spotlight control bits via the
interface.
Shutdown State
The device is disabled when the EN pin is low. All registers
are reset to default condition when EN is low.
Sleep Mode
When all LEDs are off, sleep mode is activated. This is a
reduced current mode that helps minimize overall current
consumption by turning off the clock and the charge
pump while continuing to monitor the serial interface for
commands.
I2C Compatible Interface Functions
All device functions can be controlled via the I2C
compatible interface. The interface is described in detail
in the Serial Interface section of the datasheet.
Protection Features
The SC623A provides several protection features to
safeguard the device from catastrophic failures. These
features include:
Output Open Circuit Protection
Over-Temperature Protection
Charge Pump Output Current Limit
LED Float Detection
Output Open Circuit Protection
Over-Voltage Protection (OVP) is provided at the VOUT
pin to prevent the charge pump from producing an
excessively high output voltage. In the event of an open
circuit at VOUT, the charge pump runs in open loop and
the voltage rises up to the OVP limit. OVP operation is
hysteretic, meaning the charge pump will momentarily
turn off until V
OUT
is sufficiently reduced. The maximum
OVP threshold is 6.0V, allowing the use of a ceramic
output capacitor rated at 6.3V with no fear of over-voltage
damage.
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com