Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC622AEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC622AEVB
Description  LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622AEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC622AEVB Datasheet HTML 10Page - Semtech Corporation SC622AEVB Datasheet HTML 11Page - Semtech Corporation SC622AEVB Datasheet HTML 12Page - Semtech Corporation SC622AEVB Datasheet HTML 13Page - Semtech Corporation SC622AEVB Datasheet HTML 14Page - Semtech Corporation SC622AEVB Datasheet HTML 15Page - Semtech Corporation SC622AEVB Datasheet HTML 16Page - Semtech Corporation SC622AEVB Datasheet HTML 17Page - Semtech Corporation SC622AEVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SC622A
14
General Description
This design is optimized for handheld applications
supplied from a single Li-Ion cell and includes the
following key features:
A high efficiency fractional charge pump that
supplies power to the flash LED
An LED flash output that provides up to 400mA
of momentary current or up to 250mA of
continuous spotlight current
Two adjustable LDOs with outputs ranging from
2.5V to 3.3V for LDO1 and 1.5V to 1.8V for LDO2,
adjustable in 100mV increments
An I2C compatible interface that provides control
of all device functions
High Current Fractional Charge Pump
The flash output is supported by a high efficiency, high
current fractional charge pump output at the VOUT pin.
The charge pump multiplies the input voltage by 1, 1.5, or
2 times. The charge pump switches at a fixed frequency of
250kHz in 1.5x and 2x modes and is disabled in 1x mode
to save power and improve efficiency.
The mode selection circuit automatically selects the
1x, 1.5x or 2x mode based on circuit conditions. Circuit
conditions such as low input voltage, high output current,
or high LED voltage place a higher demand on the charge
pump output. A higher numerical mode may be needed
momentarily to maintain regulation at the VOUT pin
during intervals of high demand, such as the high current
of an LED flash or the droop at the VIN pin during a supply
voltage transient. The charge pump responds to these
momentary high demands, setting the charge pump to
the optimum mode (1x, 1.5x or 2x), as needed to deliver
the output voltage and load current while optimizing
efficiency.
Hysteresis is provided to prevent mode
toggling.
The charge pump requires two bucket capacitors for
low ripple operation. One capacitor must be connected
between the C1+ and C1- pins and the other must be
•
•
•
•
connected between the C2+ and C2- pins as shown in
the typical application circuit diagram. These capacitors
should be equal in value, with a minimum capacitance of
2.2μF to support the charge pump current requirements.
The device also requires a 2.2μF capacitor on the VIN
pin and a 4.7μF capacitor on the VOUT pin to minimize
noise and support the output drive requirements.
Capacitors with X7R or X5R ceramic dielectric are
strongly recommended for their low ESR and superior
temperature and voltage characteristics. Y5V capacitors
should not be used as their temperature coefficients
make them unsuitable for this application.
LED Flash and Spotlight Current Sink
A single output current sink is provided to drive both flash
and spotlight functions. In flash mode, this current sink
provides up to 400mA for a flash LED or array of parallel
LEDs. Flash current settings are in 50mA increments from
50mA to 400mA. The FLEN pin directly triggers the FLASH
function when pulled high, or it can be wired to VIN to
enable software control via the serial interface.
In spotlight mode, the output can be set for up to 250mA
of continuous current. Settings are available in 50mA
increments from 50mA to 250mA. Continuous operation
above 250mA is not recommended due to high power
dissipation.
Flash and Spotlight Safety Timer
A safety timer disables the flash and spotlight output
current sink if the sink remains active for an extended
period. The timer protects the SC622A and the LED from
high power dissipation that can cause overheating. The
timer’s default state is on, but the timer may be disabled
via the serial interface to allow continuous output current
in spotlight mode. The safety timer affects only the FL pin
and will turn off the sink after a period of 1 second. The
timer may be reset by either forcing the FLEN pin low
or by resetting the Flash/Spotlight control bits via the
interface.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com