Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC622AEVB Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC622AEVB
Description  LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622AEVB Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC622AEVB Datasheet HTML 13Page - Semtech Corporation SC622AEVB Datasheet HTML 14Page - Semtech Corporation SC622AEVB Datasheet HTML 15Page - Semtech Corporation SC622AEVB Datasheet HTML 16Page - Semtech Corporation SC622AEVB Datasheet HTML 17Page - Semtech Corporation SC622AEVB Datasheet HTML 18Page - Semtech Corporation SC622AEVB Datasheet HTML 19Page - Semtech Corporation SC622AEVB Datasheet HTML 20Page - Semtech Corporation SC622AEVB Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
SC622A
17
PCB Layout Considerations
The layout diagram in Figure 1 illustrates a proper
two-layer PCB layout for the SC622A and supporting
components.
Following fundamental layout rules is
critical for achieving the performance specified in the
Electrical Characteristics table. The following guidelines
are recommended when developing a PCB layout:
Place all bypass and decoupling capacitors —
C1, C2, CIN, COUT, CLDO1, CLDO2, and CBYP as
close to the device as possible.
All charge pump current passes through VIN,
VOUT, and the bucket capacitor connection
pins. Ensure that all connections to these pins
make use of wide traces so that the resistive
drop on each connection is minimized.
The thermal pad should be connected to the
ground plane using multiple vias to ensure
proper thermal connection for optimal heat
transfer.
•
•
•
Applications Information (continued)
Make all ground connections to a solid
ground plane as shown in the example layout
(Figure 3).
If a ground layer is not feasible, the following
groupings should be connected:
PGND — CIN, COUT
AGND — Ground Pad, CLDO1, CLDO2,
CBYP
If no ground plane is available, PGND and
AGND should be routed back to the negative
battery terminal as separate signals using thick
traces. Joining the two ground returns at the
terminal prevents large pulsed return currents
from mixing with the low-noise return currents
of the LDOs.
Both LDO output traces should be made as
wide as possible to minimize resistive losses.
•
•
•
•
COUT
C1
C2
CIN
CBYP
CLDO2
LDO1
LDO2
BYP
C2-
SDA
SC622A
FL
EN
GND
CLDO1
GND
PGND
NC
NC
Figure 1 — Recommended PCB Layout
Figure 2 — Layer 1
Figure 3 — Layer 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com