Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC622AEVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC622AEVB
Description  LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622AEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC622AEVB Datasheet HTML 12Page - Semtech Corporation SC622AEVB Datasheet HTML 13Page - Semtech Corporation SC622AEVB Datasheet HTML 14Page - Semtech Corporation SC622AEVB Datasheet HTML 15Page - Semtech Corporation SC622AEVB Datasheet HTML 16Page - Semtech Corporation SC622AEVB Datasheet HTML 17Page - Semtech Corporation SC622AEVB Datasheet HTML 18Page - Semtech Corporation SC622AEVB Datasheet HTML 19Page - Semtech Corporation SC622AEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
SC622A
16
Charge Pump Output Current Limit
The device also limits the charge pump current at the
VOUT pin. When VOUT is shorted to ground, the typical
output current is 300mA. The current limiting is triggered
by an output under-voltage lockout below 2V. The output
returns to normal when the short is removed and VOUT is
above 2.5V. Above 2.5V, a typical current limit of 1A
applies.
LDO Current Limit
The device limits the output currents of LDO1 and LDO2 to
help prevent it from overheating and to protect the loads.
The minimum limit is 200mA, so load current greater than
the rated 100mA can be used with degraded accuracy
and larger dropout without tripping the current limit.
LED Float Detection
Float detect is a fault detection feature of the LED current
sink output. If the output is programmed to be enabled
and an open circuit fault occurs the current sink output,
the output will be disabled to prevent a sustained output
OVP condition from occurring due to the resulting open
loop.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com