Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC622AEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC622AEVB
Description  LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622AEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC622AEVB Datasheet HTML 14Page - Semtech Corporation SC622AEVB Datasheet HTML 15Page - Semtech Corporation SC622AEVB Datasheet HTML 16Page - Semtech Corporation SC622AEVB Datasheet HTML 17Page - Semtech Corporation SC622AEVB Datasheet HTML 18Page - Semtech Corporation SC622AEVB Datasheet HTML 19Page - Semtech Corporation SC622AEVB Datasheet HTML 20Page - Semtech Corporation SC622AEVB Datasheet HTML 21Page - Semtech Corporation SC622AEVB Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
SC622A
18
Register Map
Address
D7
D6
D5
D4
D3
D2
D1
D0
Reset
Value
Description
0x02
0(1)
0(1)
0(1)
FLTO
FL_2
FL_1
FL_0
FL/SPLB
0x10
Flash/Spotlight
Control
0x03
0(1)
LDO2_2
LDO2_1
LDO2_0
LDO1_3
LDO1_2
LDO1_1
LDO1_0
0x00
LDO Control
Notes:
(1)
0 = always write a 0 to these bits
Register and Bit Definitions
Flash/Spotlight Control Register (0x02)
This register is used to configure the flash time-out
feature, the flash or spotlight current, and select flash or
spotlight current ranges.
FLTO
This bit is used to enable the flash safety time-out feature.
The default state is enabled with FLTO = 1. If this bit is set,
the device will turn off the flash after a nominal period of
1s. Two ways to re-enable the flash function after a safety
time-out are:
Pull the FLEN pin low to re-enable the flash
function
Clear and re-write FL[2:0]
FL[2:0]
These bits are used to set the current for the flash current
sink when configured for flash or spotlight by the FL/
SPLB bit. Bits FL[2:0] set the flash or spotlight current, as
shown in Table 1.
•
•
Table 1 — Flash/Spotlight Control Bits
FL_2
FL_1
FL_0
FL/
SPLB
Flash/Spotlight
Current (mA)
0
0
0
0
OFF
00
1
0
50
0
1
0
0
100
0
1
1
0
150
1
0
0
0
200
1
0
1
0
250
1
1
0
0
250
1
1
1
0
250
0
0
0
1
OFF
0
0
1
1
300(1)
0
1
0
1
350(1)
0
1
1
1
400(1)
1
0
0
1
400(1)
1
0
1
1
400(1)
1
1
0
1
400(1)
1
1
1
1
400(1)
Note:
(1)
When on continuously, the device may reach the temperature
limit with 300mA and higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com