Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8950 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT8950
Description  Voice Modulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8950 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT8950 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Block Diagram
Pad Coordinates
Unit:
mm
Pad
No.
XY
Pad
No.
XY
1
-957.0
720.5
10
732.0
-774.0
2
-957.0
423.5
11
984.0
-675.0
3
-957.0
210.0
12
956.5
-400.0
4
-957.0
-87.0
13
956.5
374.5
5
-957.0
-299.5
14
956.5
671.5
6
-957.0
-596.5
15
530.5
765.5
7
-962.0
-815.0
16
345.50
765.5
8
-161.5
-747.5
17
-33.50
765.5
9
200.5
-747.5
18
-287.50
765.5
Chip size: 2350
´2080 (mm)2
The IC substrate should be connected to VSS in the PCB layout artwork.
Pin Description (HT8950)
Pin No.
Pin Name
I/O
Internal
Connection
Description
1~3
SW0~SW2
I
Pull-High
Function setting pin (for electronic setting)
4
VSS
I
¾
Negative power supply, ground
5AO
O
¾
Internal amplifier output
6
AIN
I
¾
Internal amplifier input (inverted)
7
VDD
O
¾
Positive power supply
8
LAMP
O
NMOS
Open Drain
Lamp output (the brightness changes with the voice volume)
HT8950/HT8950A
Rev. 1.10
2
November 16, 2006
O s c i l l a t o r
G e n e r a t o r
T i m e B a s e
G e n e r a t o r
C o n t r o l
C i r c u i t
P o w e r O n
C i r c u i t
A / D
C o n v e r t e r
D / A
C o n v e r t e r
S R A M
L a t c h
T G U
T G D V I B R O B
S W 0
S W 1
S W 2
A U D I O
V S S
V D D
O S C 2
F V I B
A O
A I N
V R E F
T S
L A M P
O S C 1
1
1 0
2
1 1
3
1 2
4
1 3
5
1 4
6
1 5
7
1 6
8
1 7
9
1 8
( 0 , 0 )
T G U
V S S
A U D I O
L A M P
T G D
R O B
S W 0
S W 1
S W 2
T S
V R E F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com