Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8950 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT8950
Description  Voice Modulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8950 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT8950 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HT8950/HT8950A
Voice Modulator
Pin Assignment
Rev. 1.10
1
November 16, 2006
Features
· Operating voltage: 2.4V~4.0V
· On-chip SRAM
· Robot function
· Vibrato function
· 8kHz sampling rate
· 7-step level shifting
· 8-bit A/D and D/A converters
· LED indicator with voice level
· Push button selection or electronic mode
· Minimal external components
· HT8950: 18-pin DIP package
HT8950A: 16-pin DIP package
Applications
· Educational Toys/leisure products
· Mixers
· Recorders
· Audio system
· Speech system
· Telephone system
General Description
The HT8950/HT8950A are single chip CMOS LSI voice
modulator ICs which provide seven steps to shift the fre-
quency of an input voice, producing a dramatic change
in the output.
The HT8950/HT8950A provide two special effects: Vi-
brato and Robot. The Vibrato effect is generated by al-
ternating the frequency of an input signal up and down
at a rate of 8Hz. The Robot function, on the other hand,
converts an input voice into a Robot voice. Both effects
can be selected depending on which pin is triggered, ei-
ther ROB or VIB. For the output frequency level shifting,
the chips provide seven steps which can be selected
from the two groups of pins namely, SW0, SW1 and
SW2 for electronic direct selection and ROB, TGD, TGU
and VIB for push button selection.
The HT8950/HT8950A include a built-in microphone
amplifier with an internal bias, an 8-bit A/D converter, a
built-in SRAM as well as a current output type 8-bit D/A
converter. The 8-bit A/D and D/A converters with a sam-
pling rate of 8kHz ensures a high quality and high S/N
ratio output voice. The chips provide an LED indicator
which flashes in accordance with the volume of the input
voices.
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
O S C 2
F V I B
T S
V R E F
A U D I O
L A M P
V D D
A I N
O S C 1
V I B
T G U
T G D
R O B
V S S
N C
A O
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
R O B
T G D
T G U
V I B
O S C 1
O S C 2
F V I B
T S
V R E F
S W 0
S W 1
S W 2
V S S
A O
A I N
V D D
L A M P
A U D I O
H T 8 9 5 0
1 8 D I P - A
H T 8 9 5 0 A
1 6 D I P - A


Similar Part No. - HT8950

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8950 HOLTEK-HT8950 Datasheet
659Kb / 11P
Voice Modulator
5th May 98
More results

Similar Description - HT8950

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
logo
Holtek Semiconductor In...
HT8950 HOLTEK-HT8950 Datasheet
659Kb / 11P
Voice Modulator
5th May 98
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
Voice Echo
5th May 98
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
Voice Echo
March 14, 2000
logo
List of Unclassifed Man...
FM2400TSIM ETC-FM2400TSIM Datasheet
316Kb / 5P
MODULATOR
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
VOICE SYNTHESIZER
logo
Synaptics Incorporated.
CX90412 CONEXANT-CX90412 Datasheet
70Kb / 2P
Voice Coprocessor
logo
List of Unclassifed Man...
SPDS106A ETC1-SPDS106A Datasheet
544Kb / 14P
VOICE ENGINE
ISD1820 ETC2-ISD1820 Datasheet
298Kb / 5P
Voice Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com