Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8950 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT8950
Description  Voice Modulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8950 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT8950 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Pin No.
Pin Name
I/O
Internal
Connection
Description
9
AUDIO
O
PMOS
Open Drain
Audio output
10
VREF
I
¾
Internal amplifier reference voltage
11
TS
I
¾
For IC test only
12
FVIB
O
¾
Vibrato frequency control
13
OSC2
O
¾
Oscillator output
14
OSC1
I
¾
Oscillator input
15
VIB
I
Pull-High
Switch to Vibrato mode (toggle)
16
TGU
I
Pull-High
Switch to Upward step mode
17
TGD
I
Pull-High
Switch to Downward step mode (internal pull-high)
18
ROB
I
Pull-High
Switch to Robot mode (internal pull-high)
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+4.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-20°Cto70 C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
3.0
4.0
V
IOP
Operating Current
3V
No load, fOSC=640kHz
¾
2.0
10
mA
VIN
Input Signal
3V
¾¾
¾
580
mV
ILAMP
Lamp Sink Current
3V
VOL=1.3V
5.0
9.5
¾
mA
AV
OPA Gain Value
3V
Open loop
¾
2000
¾
IO
Audio Output Voltage
3V
During silence
¾-1
¾
mA
VIH
High Input Voltage
¾¾
0.7VDD
¾¾
V
VIL
Low Input Voltage
¾¾
¾
¾
0.3VDD
V
fOSC
Oscillating Frequency
3V
ROSC=47k
W¾
512
¾
kHz
HT8950/HT8950A
Rev. 1.10
3
November 16, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com