Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8950 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT8950
Description  Voice Modulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8950 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT8950 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HT8950/HT8950A
Rev. 1.10
4
November 16, 2006
Functional Description
The HT8950/HT8950A are single chip LSIs designed for
voice modulation. These devices provide seven steps to
shift the frequency of an input voice signal up and down.
The chips are also equipped with two special effects; Vi-
brato and Robot.
The HT8950/HT8950A include a built-in amplifier, 8-bit
A/D converter and current output type of 8-bit D/A con-
verter in addition to a built-in SRAM. The brightness of
the LED indicator changes with the volume of the input
voice signal.
Power on Initial
The HT8950/HT8950A enter the Robot state right after
power is initially switched on.
Robot State
The system goes into the Robot state after the ROB pin
is triggered or power is turned on. In this mode, an input
voice can be converted into a robot voice.
Vibrato
An output voice will be generated with a vibrato effect
when the VIB pin is triggered, regardless of what state
the system is in. The vibrato effect is toggle activated. In
other words, when a voice output is playing with a vi-
brato effect, this effect can be eliminated by retriggering
the VIB pin. The rate of vibrato effect can be changed by
adjusting the resistance of the external resistor between
the OSC2 and FVIB pins.
Voice Modulation
The HT8950/HT8950A provide an 8-bit A/D and D/A
converters with a sampling rate of 8kHz, ensuring a high
quality voice output and with a high S/N ratio. The chips
include seven steps to shift the frequency of an input
signal. The voice modulation is selected and deter-
mined by the SW0~SW2 inputs.
Input
Step Mode
Speed
Ratio
SW2
SW1
SW0
111
Controlled by TGU and
TDG
Notes
1
1
0
UP3
2
1
0
1
UP2
8/5
1
0
0
UP1
4/3
0
1
1
NORMAL
1
0
1
0
DN1
8/9
0
0
1
DN2
4/5
0
0
0
DN3
2/3
Notes: The TGU switch increments by one step mode,
and the TGD switch, on the other hand, decrements by
one step mode, step by step as shown:
· The system changes to the Robot state after the ROB
pin is triggered, regardless of what state the system is
in.
· A voice output is accompanied with a vibrato effect af-
ter the VIB pin is triggered, regardless of what state
the system is in.
LED Indicator
The HT8950/HT8950A provide a LAMP pin to drive an
external LED. The brightness of the LED changes with
the volume of the input voice signal.
*
R O B O T
T G U
T G D
D N 3
T G U
T G D
D N 2
T G U
T G D
D N 1
T G U
T G D
N O R M A L
T G U
T G D
U P 1
T G U
T G D
U P 2
T G U
T G D
U P 3
T G U
T G D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com