Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T66STR Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74V2T66STR
Description  Dual bilateral switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T66STR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74V2T66STR Datasheet HTML 2Page - STMicroelectronics 74V2T66STR Datasheet HTML 3Page - STMicroelectronics 74V2T66STR Datasheet HTML 4Page - STMicroelectronics 74V2T66STR Datasheet HTML 5Page - STMicroelectronics 74V2T66STR Datasheet HTML 6Page - STMicroelectronics 74V2T66STR Datasheet HTML 7Page - STMicroelectronics 74V2T66STR Datasheet HTML 8Page - STMicroelectronics 74V2T66STR Datasheet HTML 9Page - STMicroelectronics 74V2T66STR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
74V2T66
6/14
4
Electrical characteristics
Table 5. DC characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to
125°C
Min. Typ. Max. Min. Max. Min. Max.
VIH
High level input voltage
5.0(1)
22
2
V
VIL
Low level input voltage
5.0(1)
0.8
0.8
0.8
V
RON
ON resistance
5.0(1)
VIC = VIH
VI/O = VCC to
GND
II/O ≤ 1mA
12
17
20
24
Ω
RON
ON resistance
5.0(1)
VIC = VIH
VI/O = VCC or
GND
II/O ≤ 1mA
10
14
18
20
Ω
IOFF
Input/output leakage
current (SWITCH OFF)
5.5
VOS = VCC to
GND
VIS = VCC to
GND
VIC = VIL
±0.1
± 1
± 1
µA
IIZ
Switch input leakage
current (switch on, output
open)
5.5
VOS = VCC to
GND
VIC = VIH
±0.1
± 1
± 5
µA
IIN
Control input leakage
current
0 to
5.5
VIC = 5.5V or
GND
± 0.1
± 1.0
± 1.0 µA
ICC
Quiescent supply current
5.5
VI = VCC or
GND
110
20
µA
1.
Voltage range is 5V ± 0.5V
Table 6.
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to
125°C
Min.
Typ. Max. Min. Max. Min. Max.
tPD
Delay time
5.0(1)
0.6
0.7
1.0
2.0
ns
tPLZ
tPHZ
Output disable time
5.0(1)
RL = 500 Ω
6.0
7.5
9.0
10.0
ns
tPZL
tPZH
Output enable time
5.0(1)
RL = 1 KΩ
2.5
4.0
5.0
7.0
ns
1.
Voltage range is 5.0V ± 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com