Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T66STR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74V2T66STR
Description  Dual bilateral switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T66STR Datasheet(HTML) 5 Page - STMicroelectronics

  74V2T66STR Datasheet HTML 1Page - STMicroelectronics 74V2T66STR Datasheet HTML 2Page - STMicroelectronics 74V2T66STR Datasheet HTML 3Page - STMicroelectronics 74V2T66STR Datasheet HTML 4Page - STMicroelectronics 74V2T66STR Datasheet HTML 5Page - STMicroelectronics 74V2T66STR Datasheet HTML 6Page - STMicroelectronics 74V2T66STR Datasheet HTML 7Page - STMicroelectronics 74V2T66STR Datasheet HTML 8Page - STMicroelectronics 74V2T66STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74V2T66
Maximum rating
5/14
3
Maximum rating
stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. these are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. exposure to absolute maximum rating conditions for
extended periods may affect device reliability. refer also to the STMicroelectronics sure
program and other relevant quality documents.
3.1
Recommended operating conditions
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +7.0
V
VI
DC input voltage
-0.5 to VCC + 0.5
V
VIC
DC control input voltage
-0.5 to +7.0
V
VO
DC output voltage
-0.5 to VCC + 0.5
V
IIK
DC input diode current
± 20
mA
IIK
DC control input diode current
- 20
mA
IOK
DC output diode current
± 20
mA
IO
DC output current
± 50
mA
ICC or
IGND
DC VCC or ground current
± 50
mA
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
300
°C
Table 4. Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5 to 5.5
V
VI
Input voltage
0 to VCC
V
VIC
Control input voltage
0 to 5.5
V
VO
Output voltage
0 to VCC
V
Top
Operating temperature
-55 to 125
°C
dt/dv
Input rise and fall time (1)VCC = 5.0V
1.
VIN from 0.8V to 2V on control pin
0 to 20
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com