Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T66STR Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74V2T66STR
Description  Dual bilateral switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T66STR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74V2T66STR Datasheet HTML 3Page - STMicroelectronics 74V2T66STR Datasheet HTML 4Page - STMicroelectronics 74V2T66STR Datasheet HTML 5Page - STMicroelectronics 74V2T66STR Datasheet HTML 6Page - STMicroelectronics 74V2T66STR Datasheet HTML 7Page - STMicroelectronics 74V2T66STR Datasheet HTML 8Page - STMicroelectronics 74V2T66STR Datasheet HTML 9Page - STMicroelectronics 74V2T66STR Datasheet HTML 10Page - STMicroelectronics 74V2T66STR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74V2T66
Electrical characteristics
7/14
Table 7. Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input capacitance
4
10
10
10
pF
CI/O
Output capacitance
10
pF
CPD
Power dissipation
capacitance(1)
3pF
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current
consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation.
ICC(opr) = CPD x VCC x fIN + ICC/2(per switch)
Table 8. Analog switch characteristics (GND = 0V; TA = 25°C)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VIN
(Vp-p)
Typ.
Sine wave distortion
(THD)
5.0(1)
4
fIN = 1 KHz RL = 10 KΩ,
CL = 50 pF
0.04
%
fMAX
Frequency Response
(Switch ON)
5.0(1)
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL = 50Ω, CL = 10 pF
180
MHz
Feedthrough
Attenuation
(Switch OFF)
5.0(1)
VIN is centered at VCC/2
Adjust fIN Voltage to obtained 0dBm at VIS
RL = 600Ω, CL = 50 pF, fIN = 1MHz sine wave
-60
dB
Crosstalk
(Control Input to
Signal Output)
5.0(1)
RL = 600Ω, CL = 50 pF, fIN = 1MHz square wave
tr = tf = 2.0ns
60
mV
Crosstalk Between
Switches
5.0(1)
RL = 600Ω, CL = 50 pF, fIN = 1MHz sine wave
-60
dB
1.
Voltage range is 5.0V
± 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com